Electronic Components Datasheet Search
  English  ▼

X  

RT9742 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9742
Description  The RT9742 is a cost-effective
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9742 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9742 Datasheet HTML 1Page - Richtek Technology Corporation RT9742 Datasheet HTML 2Page - Richtek Technology Corporation RT9742 Datasheet HTML 3Page - Richtek Technology Corporation RT9742 Datasheet HTML 4Page - Richtek Technology Corporation RT9742 Datasheet HTML 5Page - Richtek Technology Corporation RT9742 Datasheet HTML 6Page - Richtek Technology Corporation RT9742 Datasheet HTML 7Page - Richtek Technology Corporation RT9742 Datasheet HTML 8Page - Richtek Technology Corporation RT9742 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RT9742
®
DS9742-00 July 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
Applications
USB Peripherals
Notebook PCs
70m
Ω
Ω
Ω
Ω
Ω/55mΩ
Ω
Ω
Ω
Ω, 3A/2A/1.5A/1A High-Side Power Switches
with Flag
General Description
The RT9742 is a cost-effective, low-voltage, single
N-MOSFET high-side Power Switch IC for USB application.
Low switch-on resistance and low supply current are
realized in this IC.
The RT9742 integrates an over-current protection circuit,
a short fold back circuit, a thermal shutdown circuit and
an under-voltage lockout circuit for overall protection.
Besides, a flag output is available to indicate fault
conditions to the local USB controller. Furthermore, the
chip also integrates an embedded delay function to prevent
miss-operation from happening due to inrush-current. The
RT9742 is an ideal solution for USB power supply and
can support flexible applications since it is available in
TSOT-23-5, TSOT-23-5 (FC) and SOT-23-3 package.
Features
70m
Ω
Ω
Ω
Ω
Ω/55mΩ
Ω
Ω
Ω
Ω (typ.) N-MOSFET Switch
Operating Range : 2.7V to 6V
Reverse Blocking Current
Under Voltage Lockout
Deglitched Fault Report (FLG)
Thermal Protection with Fold-back
Over Current Protection
Short Circuit Protection
Pin Configurations
(TOP VIEW)
SOT-23-3
VIN
VOUT
GND
2
3
VOUT GND VIN
VOUT
EN
4
23
5
TSOT-23-5
(For RT9742M Only)
TSOT-23-5 / TSOT-23-5 (FC)
VOUT GND
VIN
4
23
5
FLG
EN/EN
GND
VOUT
RT9742
COUT
VBUS
D+
D-
GND
Data
Supply Voltage
2.7V to 6V
VIN
Over-Current
USB Controller
FLG
CIN
Chip Enable
EN/EN


Similar Part No. - RT9742

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
RT9740AGQW RICHTEK-RT9740AGQW Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
RT9741AGV RICHTEK-RT9741AGV Datasheet
230Kb / 11P
High-Side Power Switches
RT9741CGV RICHTEK-RT9741CGV Datasheet
230Kb / 11P
High-Side Power Switches
More results

Similar Description - RT9742

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
The cost effective EMI suppression alternative
logo
NXP Semiconductors
TDA8034HN-C1,151 NXP-TDA8034HN-C1,151 Datasheet
285Kb / 30P
The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
Cost effective
logo
TEMEX
ROX3627T3 TEMEX-ROX3627T3 Datasheet
425Kb / 2P
The ROX3627T3 OCXO is a cost effective stable oscillator for telecom applications
ROX3827T3 TEMEX-ROX3827T3 Datasheet
472Kb / 2P
The ROX3827T3 OCXO is the cost effective highly stable oscillator for telecom applications
logo
Richtek Technology Corp...
RT9728 RICHTEK-RT9728 Datasheet
118Kb / 11P
The RT9728 is a cost effective
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
American Electronic Com...
DG27 AEC-DG27 Datasheet
355Kb / 2P
Cost effective
DG31A AEC-DG31A Datasheet
310Kb / 2P
Cost effective
logo
ECS, Inc.
CSM-8A ECS-CSM-8A Datasheet
599Kb / 2P
The CSM-8A Series is a very cost effective, low profile SMD quartz crystal.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com