Electronic Components Datasheet Search
  English  ▼

X  

RT9715BGF Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9715BGF
Description  Reverse Blocking Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715BGF Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9715BGF Datasheet HTML 1Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 2Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 3Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9715CA
®
DS9715CA-00 April 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
90m
Ω
Ω
Ω
Ω
Ω, 1.5A High-Side Power Switches with Flag
General Description
The RT9715CA is a cost-effective, low-voltage, single
N-MOSFET high-side Power Switch IC for USB application.
Low switch-on resistance (typ. 90m
Ω) and low supply
current (typ. 50
μA) are realized in this IC.
The RT9715CAintegrates an over-current protection circuit,
a short fold back circuit, a thermal shutdown circuit and
an under-voltage lockout circuit for overall protection.
Besides, a flag output is available to indicate fault
conditions to the local USB controller. Furthermore, the
chip also integrates an embedded delay function to prevent
miss-operation from happening due to inrush-current. The
RT9715CA is an ideal solution for USB power supply and
can support in package SOT-23-5.
Applications
USB Peripherals
Notebook PCs
Marking Information
Features
90m
Ω
Ω
Ω
Ω
Ω (typ.) N-MOSFET Switch
Operating Range : 2.7V to 5.5V
Reverse Blocking Current
Under Voltage Lockout
Deglitched Fault Report (FLG)
Thermal Protection with Foldback
Over Current Protection
Short Circuit Protection
UL Approved
−−−−−E219878
Nemko Approved
−−−−−NO49621
RoHS Compliant and Halogen Free
Pin Configurations
(TOP VIEW)
SOT-23-5
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
VOUT GND
VIN
4
23
5
FLG
EN
4R=DNN
4R= : Product Code
DNN : Date Code
Package Type
B : SOT-23-5
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9715CA


Similar Part No. - RT9715BGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715BGF RICHTEK-RT9715BGF Datasheet
338Kb / 15P
90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
RT9715BGF RICHTEK-RT9715BGF Datasheet
338Kb / 15P
Operating Range : 2.7V to 5.5V, Reverse Blocking Current
More results

Similar Description - RT9715BGF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
5.0A Reverse Blocking Thyristor
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
logo
Sanken electric
TFA5X SANKEN-TFA5X Datasheet
287Kb / 12P
Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
Reverse Blocking Triode Thyristor
logo
Richtek Technology Corp...
RT9715AGB RICHTEK-RT9715AGB Datasheet
338Kb / 15P
Operating Range : 2.7V to 5.5V, Reverse Blocking Current
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Vishay Siliconix
SIP32454 VISHAY-SIP32454 Datasheet
221Kb / 12P
Reverse current blocking when disabled
07-May-12
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com