Electronic Components Datasheet Search
  English  ▼

X  

RT9824C Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9824C
Description  Smart Multi-Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9824C Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9824C Datasheet HTML 1Page - Richtek Technology Corporation RT9824C Datasheet HTML 2Page - Richtek Technology Corporation RT9824C Datasheet HTML 3Page - Richtek Technology Corporation RT9824C Datasheet HTML 4Page - Richtek Technology Corporation RT9824C Datasheet HTML 5Page - Richtek Technology Corporation RT9824C Datasheet HTML 6Page - Richtek Technology Corporation RT9824C Datasheet HTML 7Page - Richtek Technology Corporation RT9824C Datasheet HTML 8Page - Richtek Technology Corporation RT9824C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9824C
3
DS9824C-00 August 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT9824 smart voltage detector monitors three voltage
levels at the same time to ensure the micro-processor is
operated within the recommended input voltage range. In
conventional reset IC application, to monitor one power
rail needs one reset IC. The RT9824 can monitor three
power rails simultaneously, by using just one reset IC.
The RT9824 also provides a Manual Reset (MR) function
for application easily. Glitch-rejection is implemented in
the RT9824 to prevent it from false operation and to
eliminate the additional de-bouncing circuitry.
POR Protection
To protect the chip from operating at insufficient supply
voltage, the POR is needed. When the input voltage of
VIN is lower than the POR falling threshold voltage, the
device will be lockout.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com