Electronic Components Datasheet Search
  English  ▼

X  

MRF1090MB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF1090MB
Description  MICROWAVE POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1090MB Datasheet(HTML) 3 Page - Tyco Electronics

  MRF1090MB Datasheet HTML 1Page - Tyco Electronics MRF1090MB Datasheet HTML 2Page - Tyco Electronics MRF1090MB Datasheet HTML 3Page - Tyco Electronics MRF1090MB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
Figure 6. Series Equivalent Input/Output Impedance
f
MHz
Zin
Ohms
ZOL*
Ohms
960
1090
1215
2.8 + j13.2
7.4 + j11.4
4.7 + j7.5
7.6 + j3.5
7.6 + j4.0
7.7 + j4.5
Pout = 90 W pk VCC = 50 V
tp = 10 µs D = 1%
f = 1090 MHz
tp = 10 µs
D = 1%
Po = 90 W pk
VCC = 50 V
tp = 10 µs
D = 1%
120
100
80
60
40
20
10
20
30
40
50
0
VCC, SUPPLY VOLTAGE (VOLTS)
13
12
11
10
9
8
960
1090
1215
f, FREQUENCY (MHz)
515
25
35
45
Pin = 10.5 W pk
7.5 W pk
4.5 W pk
9 W pk
6 W pk
ZOL* = Conjugate of the optimum load
ZOL* = impedance into which the device
ZOL* = output operates at a given output
ZOL* = power, voltage, and frequency.
Zin
f = 960 MHz
1215
ZOL*
1090
0
5.0
10
f = 960 MHz
1215
1090
+j5.0
+j10
+j15
+j20
15
Coordinates in Ohms
Figure 7. Typical Pulse Performance
Po = 90 W pk
VCC = 50 V
tp = 10 µs
D = 1%
f = 1090 MHz
3
REV 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com