Electronic Components Datasheet Search
  English  ▼

X  

IRF3708LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3708LPBF
Description  High Frequency DC-DC Isolated Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3708LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF3708LPBF Datasheet HTML 1Page - International Rectifier IRF3708LPBF Datasheet HTML 2Page - International Rectifier IRF3708LPBF Datasheet HTML 3Page - International Rectifier IRF3708LPBF Datasheet HTML 4Page - International Rectifier IRF3708LPBF Datasheet HTML 5Page - International Rectifier IRF3708LPBF Datasheet HTML 6Page - International Rectifier IRF3708LPBF Datasheet HTML 7Page - International Rectifier IRF3708LPBF Datasheet HTML 8Page - International Rectifier IRF3708LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
6/10/04
IRF3708PbF
IRF3708SPbF
SMPS MOSFET
HEXFET® Power MOSFET
l High Frequency DC-DC Isolated Converters
with Synchronous Rectification for Telecom
and Industrial Use
Benefits
Applications
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
30V
12m
Ω
62A
Notes
 through „ are on page 10
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
±12
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
62
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
52
A
IDM
Pulsed Drain Current

248
PD @TC = 25°C
Maximum Power Dissipation
ƒ
87
W
PD @TC = 70°C
Maximum Power Dissipation
ƒ
61
W
Linear Derating Factor
0.58
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994
D2Pak
IRF3708S
TO-220AB
IRF3708
TO-262
IRF3708L
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.73
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
*
–––
40
IRF3708LPbF
l High Frequency Buck Converters for
Computer Processor Power
PD - 95363
l Lead-Free


Similar Part No. - IRF3708LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3708LPBF IRF-IRF3708LPBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
More results

Similar Description - IRF3708LPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3706CTRR KERSEMI-IRFR3706CTRR Datasheet
3Mb / 10P
High Frequency Isolated DC-DC Converters
logo
International Rectifier
IRF7469TRPBF IRF-IRF7469TRPBF Datasheet
131Kb / 8P
High Frequency Isolated DC-DC
IRFR3706CLPBF IRF-IRFR3706CLPBF Datasheet
263Kb / 11P
High Frequency Isolated DC-DC
IRFR3706LPBF IRF-IRFR3706LPBF Datasheet
226Kb / 11P
High Frequency Isolated DC-DC
logo
Kersemi Electronic Co.,...
IRF3708 KERSEMI-IRF3708 Datasheet
1Mb / 10P
High Frequency DC-DC Isolated Converters
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com