Electronic Components Datasheet Search
  English  ▼

X  

RFSA3623 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RFSA3623
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3623 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RFSA3623 Datasheet HTML 8Page - RF Micro Devices RFSA3623 Datasheet HTML 9Page - RF Micro Devices RFSA3623 Datasheet HTML 10Page - RF Micro Devices RFSA3623 Datasheet HTML 11Page - RF Micro Devices RFSA3623 Datasheet HTML 12Page - RF Micro Devices RFSA3623 Datasheet HTML 13Page - RF Micro Devices RFSA3623 Datasheet HTML 14Page - RF Micro Devices RFSA3623 Datasheet HTML 15Page - RF Micro Devices RFSA3623 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
14 of 16
RFSA3623
Serial Addressable Mode Address Word Truth Table
Address Word
Address Setting
A7
A6
A5
A4
A3
A2
(MSB)
A1
A0
X
X
X
X
X
L
L
L
000
X
X
X
X
X
L
L
H
001
X
X
X
X
X
L
H
L
010
X
X
X
X
X
L
H
H
011
X
X
X
X
X
H
L
L
100
X
X
X
X
X
H
L
H
101
X
X
X
X
X
H
H
L
110
X
X
X
X
X
H
H
H
111
Serial Addressable Mode Timing Diagram
CLK
LE
SI
D0
D2
D1
D4
D6
D5
D3
A0
A2
A1
D7
A4
A6
A5
A3
A7
X
A[2:0]
VALID
X
X
A[2:0] External Address Setting
X
Note: Bits D6-D7, A3-A7 are not used and can be set to logic high or low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com