Electronic Components Datasheet Search
  English  ▼

X  

KTC3876S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3876S
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3876S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3876S Datasheet HTML 1Page - KEC(Korea Electronics) KTC3876S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 29
2/2
KTC3876S
Revision No : 3
CE(sat)
COLLECTOR CURRENT I
(mA)
V
- I
C
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
1
100
0
500
0.5
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
23
4
5
200
300
400
500
I =0.1mA
0.5
1.0
2.0
3.0
4.0
6.0
B
COMMON EMITTER
Ta=25 C
1
3
10
30
1K
100
300
10
30
50
100
300
COMMON EMITTER
Ta =100 C
Ta =-25 C
Ta =25 C
V
=6V
CE
CE
V
=1V
C
Ta =100 C
Ta =-25
C
Ta =25 C
1
0.5
0.5
1
3
10
30
1K
100
300
0.03
0.05
0.1
0.3
COMMON EMITTER
100
5
0
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
BBE
0.2
0.4
0.6
0.8
1.0
1.2
10
30
50
300
500
1K
2K
COMMON
V
=6V
CE
EMITTER
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100
125
150
175
100
200
300
400
500
MOUNTED ON 99.5%
ALUMINA 10
x8x0.6mm
Ta=25 C
1
2
1
2
I
/I =10
CB
(LOW VOLTAGE REGION)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com