Electronic Components Datasheet Search
  English  ▼

X  

RFSA3714 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RFSA3714
Description  50MHz to 6000MHz, Digital Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3714 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RFSA3714 Datasheet HTML 11Page - RF Micro Devices RFSA3714 Datasheet HTML 12Page - RF Micro Devices RFSA3714 Datasheet HTML 13Page - RF Micro Devices RFSA3714 Datasheet HTML 14Page - RF Micro Devices RFSA3714 Datasheet HTML 15Page - RF Micro Devices RFSA3714 Datasheet HTML 16Page - RF Micro Devices RFSA3714 Datasheet HTML 17Page - RF Micro Devices RFSA3714 Datasheet HTML 18Page - RF Micro Devices RFSA3714 Datasheet HTML 19Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141203
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
15 of 20
RFSA3714
Pin Names and Descriptions
Pin
Name
Description
1
C0.25
0.25dB Parallel Control Bit
2
VDD
Supply Voltage
3
PBAR/S
Mode Select Pin
Logic Low = Parallel
Logic High = Serial
4
GND
Ground Pin
5
RFIN
RF Input Pin, Incident RF power must enter this pin for rated thermal performance and reliability. Do not apply
DC power to this pin. Pin may be DC grounded externally and is grounded thru resistors internal to the part.
6
GND
Ground Pin
7
GND
Ground Pin
8
GND
Ground Pin
9
GND
Ground Pin
10
GND
Ground Pin
11
GND
Ground Pin
12
GND
Ground Pin
13
GND
Ground Pin
14
RFOUT
RF Output Pin; Do not apply DC power to this pin. Pin may be DC grounded externally and is grounded thru
resistors internal to the part.
15
GND
Ground Pin
16
LE
Latch Enable, The leading edge of signal on LE causes the attenuator to change setting for serial and latched
parallel modes. For direct parallel mode keep LE at a logic high level.
17
CLK
Serial Clock Input
18
SI
Serial Data Input
19
C16
16dB Parallel Control Bit
20
C8
8dB Parallel Control Bit
21
C4
4dB Parallel Control Bit
22
C2
2dB Parallel Control Bit
23
C1
1dB Parallel Control Bit
24
C0.5
0.5dB Parallel Control Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com