Electronic Components Datasheet Search
  English  ▼

X  

MRF148 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF148
Description  N-CHANNEL MOS LINEAR RF POWER FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF148 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF148 Datasheet HTML 1Page - Tyco Electronics MRF148 Datasheet HTML 2Page - Tyco Electronics MRF148 Datasheet HTML 3Page - Tyco Electronics MRF148 Datasheet HTML 4Page - Tyco Electronics MRF148 Datasheet HTML 5Page - Tyco Electronics MRF148 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 2. Power Gain versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. IMD versus Pout
Figure 5. Common Source Unity Gain Frequency
versus Drain Current
Figure 6. 150 MHz Test Circuit
C1 — 91 pF Unelco Type MCM 01/010
C2, C4 — 0.1
µF Erie Red Cap
C3 — Allen Bradley 680 pF Feed Thru
C5 — 1.0
µF, 50 Vdc Electrolytic
C6 — 15 pF Unelco Type J101
C7 — 24 pF Unelco Type MCM 01/010
L1 — 2 Turns #18 AWG, 5/16
″ ID
L2 — 4 Turns #18 AWG, 5/16
″ ID
R1 — 1.0 Ohm, 1/4 W Carbon
R2 — 2000 Ohm, 1/4 W Carbon
RFC1 — VK200 21/4B
T1 — 4:1 Transformer, 1.75
″ Subminiature
T1 — Coaxial Cable
T1 — 4:1 Impedance Ratio
T1 — Transformer, Line
T1 — Impedance = 25
Ω
+ BIAS
+ 50 Vdc
RF OUTPUT
RF INPUT
C3
C2
R2
R1
C1
T1
DUT
L2
C4
RFC1
L1
C6
C7
50
Ω
12.5
Ω
C5
f, FREQUENCY (MHz)
25
20
15
10
5
0
2
5
10
20
200
50
100
VDD = 50 V
IDQ = 100 mA
Pout = 30 W (PEP)
Pin, INPUT POWER (WATTS)
60
40
0
0
0
0.5
1
1.5
2
2.5
20
60
40
20
VDD = 50 V
40 V
VDD = 50 V
40 V
IDQ = 100 mA
IDQ = 100 mA
Pout, OUTPUT POWER (WATTS PEP)
–30
–40
–50
–30
–40
–50
010
20
30
40
d5
d3
d3
d5
VDD = 50 V, IDQ = 100 mA, TONE SEPARATION 1 kHz
2000
1000
0
01
2
3
4
ID, DRAIN CURRENT (AMPS)
VDS = 15 V
VDS = 30 V
0–6 V
+
3
Replaces MRF148/D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com