Electronic Components Datasheet Search
  English  ▼

X  

MRF150 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF150
Description  N-CHANNEL MOS LINEAR RF POWER FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF150 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF150 Datasheet HTML 1Page - Tyco Electronics MRF150 Datasheet HTML 2Page - Tyco Electronics MRF150 Datasheet HTML 3Page - Tyco Electronics MRF150 Datasheet HTML 4Page - Tyco Electronics MRF150 Datasheet HTML 5Page - Tyco Electronics MRF150 Datasheet HTML 6Page - Tyco Electronics MRF150 Datasheet HTML 7Page - Tyco Electronics MRF150 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Figure 2. Power Gain versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. IMD versus Pout
Figure 5. Common Source Unity Gain Frequency
versus Drain Current
f, FREQUENCY (MHz)
25
20
15
10
5
0
2
5
10
20
200
50
100
Pin, INPUT POWER (WATTS)
250
200
0
0
0
1234
5
150
Pout, OUTPUT POWER (WATTS PEP)
–30
–40
–50
–30
–40
–50
0
40
60
80
100
d3
d5
VDD = 50 V, IDQ = 250 mA, TONE SEPARATION = 1 kHz
1000
800
0
0
5
10
20
ID, DRAIN CURRENT (AMPS)
VDD = 50 V
IDQ = 250 mA
Pout = 150 W (PEP)
100
50
250
200
150
100
50
VDD = 50 V
40 V
IDQ = 250 mA
VDD = 50 V
40
V
IDQ = 250 mA
6
–35
–45
–35
–45
20
120
140
160
150 MHz
30 MHz
d3
d5
600
400
200
15
15 V
VDS = 30 V
VGS, GATE–SOURCE VOLTAGE (VOLTS)
10
24
6
8
10
0
8
6
4
2
0
VDS = 10 V
gfs = 5 mhos
Figure 6. Gate Voltage versus
Drain Current
10
020
30
3
REV 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com