Electronic Components Datasheet Search
  English  ▼

X  

RFSA4013 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RFSA4013
Description  TEMPERATURE COMPENSATING ATTENUATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4013 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RFSA4013 Datasheet HTML 8Page - RF Micro Devices RFSA4013 Datasheet HTML 9Page - RF Micro Devices RFSA4013 Datasheet HTML 10Page - RF Micro Devices RFSA4013 Datasheet HTML 11Page - RF Micro Devices RFSA4013 Datasheet HTML 12Page - RF Micro Devices RFSA4013 Datasheet HTML 13Page - RF Micro Devices RFSA4013 Datasheet HTML 14Page - RF Micro Devices RFSA4013 Datasheet HTML 15Page - RF Micro Devices RFSA4013 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14 of 16
RFSA4013
DS111221
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Assembly Drawing
Evaluation Board Build of Materials (BOM)
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
Temperature Compensating Attenuator TCA, 5V
U1
RFMD
RFSA4013
CONN, SMA, END LNCH, MINI, FLT, 0.068"
J1-J2
Emerson Network Power
142-0741-851
CONN, HDR, ST, 4-PIN, 0.100", T/H
P1-P2
MOLEX
22-28-4043
PCB, SA2013-410
DDI
SA2013-410(A)
CAP, 1000pF, 10%, 25V, X7R, 0402
C1, C2, C7-C9
Murata Electronics
GRM155R71H102KA01D
CAP, 1
F, 10%, 16V, X7R, 1206
C4
Murata Electronics
GRM31MR71E105KC01L
RES, 100Ω, 5%, 1/16W, 0402
R5
Kamaya, Inc
RMC1/16S-101JTH
DNP
C3, C5-C6
N/A
N/A
DNP
R1-R4
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com