Electronic Components Datasheet Search
  English  ▼

X  

RFSA4033 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RFSA4033
Description  Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4033 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RFSA4033 Datasheet HTML 9Page - RF Micro Devices RFSA4033 Datasheet HTML 10Page - RF Micro Devices RFSA4033 Datasheet HTML 11Page - RF Micro Devices RFSA4033 Datasheet HTML 12Page - RF Micro Devices RFSA4033 Datasheet HTML 13Page - RF Micro Devices RFSA4033 Datasheet HTML 14Page - RF Micro Devices RFSA4033 Datasheet HTML 15Page - RF Micro Devices RFSA4033 Datasheet HTML 16Page - RF Micro Devices RFSA4033 Datasheet HTML 17Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150225
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
16 of 17
RFSA4033
Attenuation Slope Truth Table
SLP2
SLP1
SLP0
S21 Temperature Coefficient (mdB/°C/Attn)
0
0
0
3
0
0
1
4
0
1
0
5
0
1
1
6
1
0
0
7
1
0
1
8
1
1
0
9
1
1
1
10
Package Outline (Dimensions in millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com