Electronic Components Datasheet Search
  English  ▼

X  

MRF154 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF154
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF154 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF154 Datasheet HTML 1Page - Tyco Electronics MRF154 Datasheet HTML 2Page - Tyco Electronics MRF154 Datasheet HTML 3Page - Tyco Electronics MRF154 Datasheet HTML 4Page - Tyco Electronics MRF154 Datasheet HTML 5Page - Tyco Electronics MRF154 Datasheet HTML 6Page - Tyco Electronics MRF154 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The RF MOSFET Line
RF Power Field Effect Transistor
N–Channel Enhancement–Mode MOSFET
Designed primarily for linear large–signal output stages in the 2.0 – 100 MHz
frequency range.
• Specified 50 Volts, 30 MHz Characteristics
Output Power = 600 Watts
Power Gain = 17 dB (Typ)
Efficiency = 45% (Typ)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
125
Vdc
Drain–Gate Voltage
VDGO
125
Vdc
Gate–Source Voltage
VGS
±40
Vdc
Drain Current — Continuous
ID
60
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1350
7.7
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.13
°C/W
Handling and Packaging — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF154
600 W, 50 V, 80 MHz
N–CHANNEL
BROADBAND
RF POWER MOSFET
CASE 368–03, STYLE 2
(HOG PAC)
D
G
S
Order this document
by MRF154/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 2


Similar Part No. - MRF154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET 600W, to 80MHz, 50V
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
Broadband RF Power MOSFET
More results

Similar Description - MRF154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com