Electronic Components Datasheet Search
  English  ▼

X  

RFUV1003 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFUV1003
Description  GaAs MMIC IQ UpConverter 12GHz to 16GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1003 Datasheet(HTML) 2 Page - RF Micro Devices

  RFUV1003 Datasheet HTML 1Page - RF Micro Devices RFUV1003 Datasheet HTML 2Page - RF Micro Devices RFUV1003 Datasheet HTML 3Page - RF Micro Devices RFUV1003 Datasheet HTML 4Page - RF Micro Devices RFUV1003 Datasheet HTML 5Page - RF Micro Devices RFUV1003 Datasheet HTML 6Page - RF Micro Devices RFUV1003 Datasheet HTML 7Page - RF Micro Devices RFUV1003 Datasheet HTML 8Page - RF Micro Devices RFUV1003 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140213
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 10
RFUV1003
Absolute Maximum Ratings
Parameter
Rating
Unit
LPA Drain Voltage Vd
6
V
LOA Drain Voltage
6
V
RF Input Power
15
dBm
LO Input Power
15
dBm
TOPER
-40 to +85
°C
TSTOR
-65 to +150
°C
ESD Human Body Model
Class 1A
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
RF Frequency
12
16
GHZ
LO Frequency
8
20
GHZ
IF Frequency
DC
4
GHZ
LO input Drive
-1
0
+5
dBm
Conversion Gain (Max.)
20
23
24
dB
Conversion Gain (Min.)
-9
-10
-11
dB
NF (max. Gain)
11
13
dB
NF (min. Gain)
17
21
dB
OIP3 (max. Gain)
25
28
dBm
OIP3 (min. Gain)
9
12
dBm
Image Rejection
15
20
dBc
LO Leakage at RF-Port (Maximum
Gain)
-5
5
dBm
With IQ bias
LO Return Loss
10
dB
RF Return Loss
10
dB
VD
5
V
ID
380
500
mA
VVA
-4
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com