Electronic Components Datasheet Search
  English  ▼

X  

RVA2007L Datasheet(PDF) 7 Page - RF Micro Devices

Part # RVA2007L
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RVA2007L Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RVA2007L Datasheet HTML 2Page - RF Micro Devices RVA2007L Datasheet HTML 3Page - RF Micro Devices RVA2007L Datasheet HTML 4Page - RF Micro Devices RVA2007L Datasheet HTML 5Page - RF Micro Devices RVA2007L Datasheet HTML 6Page - RF Micro Devices RVA2007L Datasheet HTML 7Page - RF Micro Devices RVA2007L Datasheet HTML 8Page - RF Micro Devices RVA2007L Datasheet HTML 9Page - RF Micro Devices RVA2007L Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
RVA2007L
DS130725
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Bill of Materials (BOM)
Pin Table and Description
Description
Reference
Designator
Manufacturer
Manufacturer’s P/N
EVALUATION BOARD
DDI
RFVAx007L410(A)
CAP, 1
F, 10%, 10V, X5R, 0402
C7, C9- C10
MURATA ELECTRONICS
GRM155R61A105KE15D
RES, 0
0402
R1
KAMAYA, INC
RMC1/16SJPTH
CONN, SMA, END LAUNCH, UNIV, HYB MNT, FLT
J1-J2
HEILIND ELECTRONICS
PER MAT-21-1038
CONN, HDR, ST, PLRZD, 4-PIN, 0.100”
P2
ITW PANCON
MPSS100-4-C
CONN, HDR, ST, PLRZD, 2-PIN, 0.100”
P1
ITW PANCON
MPSS100-2-C
DNP
C1, C3- C4, C6, C11-C12,
R3-R5
RVA2007L MODULE
U1
RFMD
RVA2007L
Pin
Function
Description
1
RFIN
RF input pin. Internal DC block.
2
GND
Ground pin.
3
VPC
Power up/down control for 2nd stage amplifier. Apply VCC to power on 2nd stage amplifier. Apply 0V to disable
2nd stage amplifier. Do not exceed VCC+0.5V. Connect to VCC if not needed. Decoupling capacitor may be
desired on application board for control line noise.
4NC
No connection.
5VCC
Power supply for the module. Recommending 1uF decoupling cap on the application board.
6
GND
Ground pin.
7
RFOUT
RF output pin. Internal DC block.
8
VCTRL
Gain control voltage; 0V to 3.3V range. Maximum gain at 0V. Recommending 0.1uF decoupling on the applica-
tion board.
Center
Pad
GND
Center ground pads need to have a good thermal path on the application board. Use solder stencil pattern
shown in the document to define solder paste during assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com