Electronic Components Datasheet Search
  English  ▼

X  

MRF160 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF160
Description  MOSFET BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF160 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF160 Datasheet HTML 1Page - Tyco Electronics MRF160 Datasheet HTML 2Page - Tyco Electronics MRF160 Datasheet HTML 3Page - Tyco Electronics MRF160 Datasheet HTML 4Page - Tyco Electronics MRF160 Datasheet HTML 5Page - Tyco Electronics MRF160 Datasheet HTML 6Page - Tyco Electronics MRF160 Datasheet HTML 7Page - Tyco Electronics MRF160 Datasheet HTML 8Page - Tyco Electronics MRF160 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
C1, C6
240 pF, 100 mil Chip Capacitors
C2
15 pF, 100 mil ATC Chip Capacitor
C4, C5
1 – 10 pF, Johanson Trimmer Capacitors
C3
24 pF, 100 mil ATC Chip Capacitor
C7, C9
0.1
mF, 100 mil Chip Capacitors
C8
220 pF, 100 mil ATC Chip Capacitor
C10, C11 680 pF, Feed Through Capacitors
C12
50
mF, 50 V Electrolytic Capacitor
C7
R3
RFC2
RFC1
RF Output
DUT
R1
C1
RF Input
C2
Figure 1. MRF160 500 MHz Test Circuit
R2
C3
C6
C5
C9
C10
C12
+
C8
VDD 28 V
+
VDC
R1
200
Ω, 1/2 Watt
R2
10 k
Ω, 1/2 Watt
R3
1 k
Ω, 1/2 Watt
RFC1
Ferroxcube VK200–19/4B
RFC2
8 Turns, #20 AWG, Enameled, ID 110 mils
Board Material — 0.062
″, Teflon Fiberglass, 1 oz.,
Copper clad both sides,
εr = 2.55
C2
1300 mils
C3 & C4
300 mils
Input Line
160 mils X 5315 mils
Output Line
160 mils X 4345 mils
C5
900 mils
C4
C11
Bias
Supply
–
NOTE: Due to variation in Chip Capacitor values and
board material, these are approximate positions.
3
REV 5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com