Electronic Components Datasheet Search
  English  ▼

X  

MRF16006 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF16006
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF16006 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF16006 Datasheet HTML 1Page - Tyco Electronics MRF16006 Datasheet HTML 2Page - Tyco Electronics MRF16006 Datasheet HTML 3Page - Tyco Electronics MRF16006 Datasheet HTML 4Page - Tyco Electronics MRF16006 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 40 mAdc, VBE = 0)
V(BR)CES
55
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 40 mAdc, IE = 0)
V(BR)CBO
55
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 2.5 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
Collector Cutoff Current
(VCE = 28 Vdc, VBE = 0)
ICES
—
—
2.5
mAdc
ON CHARACTERISTICS
DC Current Gain
(ICE = 0.2 Adc, VCE = 5.0 Vdc)
hFE
20
—
80
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB= 28 Vdc, f = 1.0 MHz)
Cob
11
—
—
pf
FUNCTIONAL TESTS
Common–Base Amplifier Power Gain
(VCC = 28 Vdc, Pout = 6 Watts, f = 1600/1640 MHz)
Gpe
7.4
—
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 6 Watts, f = 1600/1640 MHz)
η
40
45
—
%
Return Loss
(VCC = 28 Vdc, Pout = 6 Watts, f = 1600/1640 MHz)
IRL
—
8.0
—
dB
Output Mismatch Stress
(VCC = 28 Vdc, Pout = 6 Watts, f = 1600 MHz, Load
VSWR = 3:1 all phase angles at frequency of test)
ψ
No Degradation in Output Power
2
REV 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com