Electronic Components Datasheet Search
  English  ▼

X  

SBA4086Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SBA4086Z
Description  DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBA4086Z Datasheet(HTML) 4 Page - RF Micro Devices

  SBA4086Z Datasheet HTML 1Page - RF Micro Devices SBA4086Z Datasheet HTML 2Page - RF Micro Devices SBA4086Z Datasheet HTML 3Page - RF Micro Devices SBA4086Z Datasheet HTML 4Page - RF Micro Devices SBA4086Z Datasheet HTML 5Page - RF Micro Devices SBA4086Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS110708
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBA4086Z
Basic Application Circuit
Evaluation Board Layout
Mounting Instructions:
1. Use a large ground pad area under device pins 2 and 4 with many plated through-holes as shown.
2. We recommend 1 or 2 ounce copper. Measurements for this data sheet were made on a 31mil thick FR-4 board with 1
ounce copper on both sides.
Application Circuit Element Values
Recommended Bias Resistor Values for ID=80mA, RBIAS=(VS-VD) /ID
Reference Designator
500MHz
850MHz
1950MHz
2400MHz
3500MHz
CB
220pF
100pF
68pF
56pF
39pF
CD
100pF
68pF
22pF
22pF
15pF
LC
68nH
33nH
22nH
18nH
15nH
Supply Voltage (VS)7.5V
8V
10V
12V
RBIAS
33
39
68
91
Note: RBIAS provides DC bias stability over temperature.
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SBA5086Z
1 uF
R
BIAS
1000 pF
C
B
C
B
C
D
L
C
V
S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com