Electronic Components Datasheet Search
  English  ▼

X  

MRF166C Datasheet(PDF) 8 Page - Tyco Electronics

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166C Datasheet(HTML) 8 Page - Tyco Electronics

  MRF166C Datasheet HTML 1Page - Tyco Electronics MRF166C Datasheet HTML 2Page - Tyco Electronics MRF166C Datasheet HTML 3Page - Tyco Electronics MRF166C Datasheet HTML 4Page - Tyco Electronics MRF166C Datasheet HTML 5Page - Tyco Electronics MRF166C Datasheet HTML 6Page - Tyco Electronics MRF166C Datasheet HTML 7Page - Tyco Electronics MRF166C Datasheet HTML 8Page - Tyco Electronics MRF166C Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Table 2. Common Source S–Parameters (VDS = 28 V, ID = 1.25 A) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
310
0.822
–170
2.99
62
0.023
29
0.725
–166
320
0.825
–170
2.89
61
0.024
31
0.734
–166
330
0.828
–171
2.78
60
0.024
33
0.736
–167
340
0.830
–171
2.66
59
0.024
33
0.724
–168
350
0.832
–171
2.59
58
0.024
37
0.739
–166
360
0.834
–171
2.52
57
0.024
39
0.757
–166
370
0.836
–171
2.44
56
0.023
39
0.755
–167
380
0.839
–172
2.34
55
0.023
38
0.745
–167
390
0.840
–172
2.26
54
0.024
40
0.738
–168
400
0.841
–172
2.19
54
0.024
46
0.735
–166
410
0.842
–172
2.14
53
0.025
46
0.787
–167
420
0.844
–172
2.09
51
0.026
46
0.790
–168
430
0.845
–173
1.99
51
0.027
49
0.777
–168
440
0.846
–173
1.93
51
0.026
52
0.770
–167
450
0.849
–173
1.91
49
0.027
53
0.794
–167
460
0.853
–173
1.84
48
0.027
51
0.803
–171
470
0.855
–173
1.77
47
0.027
54
0.787
–170
480
0.857
–174
1.72
47
0.027
57
0.789
–169
490
0.857
–174
1.68
47
0.027
56
0.796
–168
500
0.859
–174
1.64
46
0.029
57
0.802
–169
600
0.862
–179
1.18
33
0.036
77
0.851
–173
700
0.893
178
0.921
26
0.043
75
0.856
–175
800
0.890
175
0.771
22
0.043
78
0.880
–178
900
0.895
173
0.635
17
0.065
74
0.882
–178
1000
0.905
171
0.544
14
0.086
69
0.931
178
8
REV 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com