Electronic Components Datasheet Search
  English  ▼

X  

SBA-4089 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SBA-4089
Description  DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBA-4089 Datasheet(HTML) 2 Page - RF Micro Devices

  SBA-4089 Datasheet HTML 1Page - RF Micro Devices SBA-4089 Datasheet HTML 2Page - RF Micro Devices SBA-4089 Datasheet HTML 3Page - RF Micro Devices SBA-4089 Datasheet HTML 4Page - RF Micro Devices SBA-4089 Datasheet HTML 5Page - RF Micro Devices SBA-4089 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS111204
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBA4089Z
Typical Performance at Key Operating Frequencies
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current (ID)130
mA
Device Voltage (VD)6
V
RF Input Power
+17
dBm
Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +85
°C
Storage Temp
+150
°C
Operating Dissipated Power
0.65
W
Moisture Sensitivity Level
MSL 2
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l and TL=TLEAD
Parameter
Unit
100MHz
500MHz
850MHz
1950MHz
2400MHz
3500MHz
Small Signal Gain
dB
15.3
15.3
15.0
14.6
14.3
13.2
Output Third Order Intercept
Point
dBm
37.1
36.2
36.5
33.5
32.7
30.5
Output Power at 1dB
Compression
dBm
19.0
19.1
19.0
19.0
18.3
16.3
Input Return Loss
dB
47
33
29
21
17.5
13.3
Output Return Loss
dB
22
22
21
15
13.3
12
Reverse Isolation
dB
18
1818.719
19
19
Noise Figure
dB
4.1
4.3
4.2
4.8
-
-
Test Conditions: VS=8V, ID=80mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, RBIAS=39, TL=25°C, ZS=ZL=50
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
NoiseFigurevsFrequency
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
00.5
11.5
22.5
33.5
Frequency(GHz)
+25c
-40c
+85c
OIP3 vs Frequency
20
22
24
26
28
30
32
34
36
38
40
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
+25c
-40c
+85c
P1dB vs Frequency
15
16
17
18
19
20
21
22
00.5
1
1.5
22.5
33.5
Frequency (GHz)
+25c
-40c
+85c



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com