Electronic Components Datasheet Search
  English  ▼

X  

SBA5086Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SBA5086Z
Description  DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBA5086Z Datasheet(HTML) 3 Page - RF Micro Devices

  SBA5086Z Datasheet HTML 1Page - RF Micro Devices SBA5086Z Datasheet HTML 2Page - RF Micro Devices SBA5086Z Datasheet HTML 3Page - RF Micro Devices SBA5086Z Datasheet HTML 4Page - RF Micro Devices SBA5086Z Datasheet HTML 5Page - RF Micro Devices SBA5086Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
DS110722
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBA5086Z
|S11| vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
01
23
4
5
6
Frequency (GHz)
+25c
-40c
+85c
|S21| vs. Frequency
6
7
8
9
10
11
12
13
14
15
16
012
3
4
56
Frequency (GHz)
+25c
-40c
+85c
|S12| vs. Frequency
-24
-22
-20
-18
-16
-14
-12
012
3
456
Frequency (GHz)
+25c
-40c
+85c
|S22| vs. Frequency
-35
-30
-25
-20
-15
-10
-5
0
0123
456
Frequency (GHz)
+25c
-40c
+85c
850MHz Adj. Chan. Pwr vs. Channel output Power
-70
-65
-60
-55
-50
-45
-40
-35
-30
6
7
8
9
10
11
12
13
14
15
16
17
Channel Pwr (dBm)
+25c ACP
-40c ACP
+85c ACP
1950MHz Adj. Chan. Pwr Vs Channel Output Power
-70
-65
-60
-55
-50
-45
-40
-35
-30
5
6
7
8
9
1011
121314
1516
Channel Pwr (dBm)
+25c
-40c
+85c



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com