Electronic Components Datasheet Search
  English  ▼

X  

RF1136 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1136
Description  BROADBAND LOW POWER SP3T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1136 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1136 Datasheet HTML 1Page - RF Micro Devices RF1136 Datasheet HTML 2Page - RF Micro Devices RF1136 Datasheet HTML 3Page - RF Micro Devices RF1136 Datasheet HTML 4Page - RF Micro Devices RF1136 Datasheet HTML 5Page - RF Micro Devices RF1136 Datasheet HTML 6Page - RF Micro Devices RF1136 Datasheet HTML 7Page - RF Micro Devices RF1136 Datasheet HTML 8Page - RF Micro Devices RF1136 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RF1136
BROADBAND LOW POWER SP3T SWITCH
The RF1136 is a single-pole three-throw (SP3T) switch designed for gen-
eral purpose switching applications which require very low insertion loss
and low power handling capability.
The RF1136 is ideally suited for battery operated applications requiring
high performance switching with very low DC power consumption. The
RF1136 features very low insertion loss with excellent linearity perfor-
mance down to 1.8V control voltage. Additionally, RF1136 includes inte-
grated decoding logic, allowing just two control lines needed for switch
control.
The
RF1136
is
packaged
in
a
very
compact
2.5mmx2.5mmx0.6mm, 12-pin, leadless QFN package.
Features
Low Frequency - 3.5GHz
Operations
Very Low Insertion Loss:
Cell Band 0.25dB
PCS Band 0.30dB
High Isolation:
Cell Band 28dB
PCS Band 22dB
Compatible with Low Voltage
Logic: (VHIGH=1.8V)
Excellent Linearity
Performance(IIP2):
Cell Band 110dBm
PCS Band 110dBm
Lowest BOM Cost and Small
Solution Size: No DC Blocking
Capacitors Required on the
RF Paths
Applications
Cellular Handset Applications
Cellular Infrastructure Appli-
cations
RF1136
Broadband Low Power SP3T Switch
RF1136PCBA-410
Fully Assembled Evaluation Board
DS100826
Package Style: QFN, 12-Pin, 2.5mmx2.5mmx0.6mm


Similar Part No. - RF1136

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
RF113 QUALWAVE-RF113 Datasheet
121Kb / 1P
Flexible RF Cables & Assemblies
Rev 1.1
More results

Similar Description - RF1136

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch
logo
RF Micro Devices
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
BROADBAND LOW POWER SPDT SWITCH
RF1147 RFMD-RF1147 Datasheet
588Kb / 9P
BROADBAND LOW POWER SP4T SWITCH
RF1156 RFMD-RF1156 Datasheet
267Kb / 8P
BROADBAND LOW POWER SP5T SWITCH
RF1603A RFMD-RF1603A Datasheet
572Kb / 10P
BROADBAND HIGH POWER SP3T SWITCH
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482_15 Datasheet
771Kb / 8P
GaAs Broadband High Power SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com