Electronic Components Datasheet Search
  English  ▼

X  

RF1193A Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF1193A
Description  SP10T ANTENNA SWITCH MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1193A Datasheet(HTML) 4 Page - RF Micro Devices

  RF1193A Datasheet HTML 1Page - RF Micro Devices RF1193A Datasheet HTML 2Page - RF Micro Devices RF1193A Datasheet HTML 3Page - RF Micro Devices RF1193A Datasheet HTML 4Page - RF Micro Devices RF1193A Datasheet HTML 5Page - RF Micro Devices RF1193A Datasheet HTML 6Page - RF Micro Devices RF1193A Datasheet HTML 7Page - RF Micro Devices RF1193A Datasheet HTML 8Page - RF Micro Devices RF1193A Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4 of 23
RF1193A
DS111104
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
GSM RX1, RX2, RX3, RX4
Frequency Range
869
960
MHz
Frequency Range
1805
1990
MHz
Insertion Loss
RX1, RX2, RX3, RX4
0.65
0.80
dB
869MHz to 960MHz
1.1
1.50
dB
1805MHz to 1990MHz
VSWR (ANT and RX)
1.6
UMTS 1, 2, 3, 4 - Low Band
Frequency Range
824
960
MHz
Insertion Loss
UMTS 1 - ANT
0.40
0.65
dB
UMTS 2 - ANT
0.40
0.65
dB
UMTS 3 - ANT
0.40
0.65
dB
UMTS 4 - ANT
0.40
0.65
dB
Isolation
TRX1 - RX1
25
29
dB
824MHz to 915MHz
TRX1 - RX2
33
36
dB
TRX1 - RX3
38
42
dB
TRX1 - RX4
43
47
dB
TRX2 - RX1, RX2, RX3, RX4
40
46
dB
825MHz to 915MHz
TRX3 - RX1, RX2, RX3, RX4
30
37
dB
TRX4 - RX1, RX2, RX3, RX4
30
37
dB
TRX1 - TX1
35
40
dB
TRX1 - TX2
27
34
dB
TRX1 - TRX2, TRX3, TRX4
25
31
dB
TRX2 - TX1
35
38
dB
TRX2 - TX2
30
35
dB
TRX2 - TRX1, TRX3, TRX4
30
39
dB
TRX3 - TX1
35
38
dB
TRX3 - TX2
32
36
dB
TRX3 - TRX1, TRX2
28
31
dB
TRX3 - TRX4
17
23
sB
TRX4 - TX1
35
40
dB
TRX4 - TX2
35
41
dB
TRX4 - TRX1, TRX2, TRX3
27
36
dB
Harmonics
UMTS 1, 2, 3, 4 - ANT, 2f0
62
100
dBc
PIN = 26dBm, CW
UMTS 1, 2, 3, 4 - ANT, 3f0
62
88
dBc
UMTS 1, 2, 3, 4 - ANT, up to
12.75GHz
62
102
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com