Electronic Components Datasheet Search
  English  ▼

X  

RF1291 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1291
Description  SWITCH FILTER MODULE WITH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1291 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1291 Datasheet HTML 1Page - RF Micro Devices RF1291 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
TRX8 / GSM Rx
RF1291
GSM 1800/1900
GSM 850/900
Charge
Pump/
Decoder
TRX7 / GSM Rx
C
T
L
A
V
D
D
TRX3 / GSM Rx
TRX4 / GSM Rx
TRX5 / GSM Rx
TRX6 / GSM Rx
C
T
L
B
C
T
L
C
C
T
L
D
TRX2 / GSM Rx
TRX1 / GSM Rx
RF1291
SWITCH FILTER MODULE WITH
EIGHT LINEAR 3G/4G PATHS
The RF1291 Antenna Switch Module offers very low insertion loss along
with excellent linearity performance. The RF1291 is ideal for multi-mode
GSM, EDGE, UMTS, and LTE handset applications. This module integrates
low pass filtering on the GSM transmit paths, thus avoiding the need for
external harmonic attenuation. The RF1291 is compatible with +1.8 V con-
trol logic and is packaged in a compact 3.2mm x 3.2mm, 20-pin, Module
package which allows for a small solution size with no need for external
DC blocking capacitors when no external DC is applied to the device ports.
Features
Excellent Insertion Loss and
Isolation Performance
Eight Linear Paths Offer Band
Combination and
Air Interface Flexibility
Excellent GSM TX Harmonic
Attenuation
Integrated Antenna ESD
Protection
>2kV HBM ESD on all Paths
Fully Spec Compliant at 1.3V
Control Voltage
Broadband Performance Suit-
able for all Cellular Modula-
tion Schemes up to 3GHz
Very Low Current Consump-
tion
Compact
3.2mmx3.2mmx1.0mm(typ)
Laminate Module
Very High Linearity and Excel-
lent Harmonic Performance,
Ideally Suited for LTE Applica-
tions.
Applications
Cellular Handset Applications
Cellular Modems and USB
Devices
Multi-Mode GSM, EDGE,
WCDMA Applications
RF1291SWITCH FILTER MODULE WITH
RF1291
SP10T Antenna Switching Module
DSB120326
Package Style: 20-pin, 3.2 mm x 3.2 mm x 1.0 mm


Similar Part No. - RF1291

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1292 RFMD-RF1292 Datasheet
145Kb / 2P
ANTENNA SWITCH MODULE WITH 6 LINEAR
RF1295 RFMD-RF1295 Datasheet
148Kb / 2P
SP12T ANTENNA SWITCH MODULE IDEAL FOR
logo
RF Monolithics, Inc
RF1295C RFM-RF1295C Datasheet
60Kb / 2P
451.35 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1295C MURATA-RF1295C Datasheet
68Kb / 2P
451.35 MHz SAW Filter
More results

Similar Description - RF1291

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
01943-2 BOURNS-01943-2 Datasheet
34Kb / 2P
Front Mount Module with Switch
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
RF Micro Devices
RF1255 RFMD-RF1255 Datasheet
171Kb / 2P
ANTENNA SWITCH MODULE WITH DUAL
RF1292 RFMD-RF1292 Datasheet
145Kb / 2P
ANTENNA SWITCH MODULE WITH 6 LINEAR
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
Lorlin Electronics Ltd.
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com