Electronic Components Datasheet Search
  English  ▼

X  

RF1295 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1295
Description  SP12T ANTENNA SWITCH MODULE IDEAL FOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1295 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1295 Datasheet HTML 1Page - RF Micro Devices RF1295 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 13
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
RF1295
SP12T ANTENNA SWITCH MODULE IDEAL FOR
MULTI-BAND 3G AND LTE APPLICATIONS
The RF1295 is a SP12T Antenna Switch Module (ASM) which offers very
low insertion loss along with excellent linearity performance. The RF1295
is ideal for multi-mode GSM, EDGE, UMTS, and LTE handset applications.
This module integrates low pass filtering on the GSM transmit paths thus
avoiding the need for external harmonic attenuation. The RF1295 is con-
trolled by a GPIO interface and is packaged in a compact 3.0 mm x 3.8
mm, 30-pin module. No DC blocking capacitors are required on RF paths
unless DC is present externally
Features
Excellent Insertion Loss and
Isolation Performance
Ten Linear Paths Offer Band
Combination and
Air Interface Flexibility
Integrated Low Pass Filters on
2G Paths for Best In Class
Harmonic attenuation
Excellent Linearity
Performance: B13-2fo, IIP2,
IIP3 and TBR
Very Low Current
Consumption
Broadband Performance
Suitable for Multiple Air
Standards
GPIO Interface and Fully Spec
Compliant with 1.35V Control
Small Solution Size: Compact
3.0mm x 3.8mm x 0.85mm,
30-pin Package
Applications
Cellular Handsets
Cellular Modems and USB
Devices
LTE, WCDMA, CDMA, Multi-
Mode GSM, EDGE, and
TDSCDMA
RF1295SP12T Antenna SWITCH MODULE Ideal for Multi-Band 3G and LTE Applications
RF1295
SP12T Antenna Switching Module
RF1295PCBA-410
Fully Assembled Evaluation Board
DS120626
Package: 30-pin, 3.0mm x 3.8mm x 0.85mm


Similar Part No. - RF1295

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1295C RFM-RF1295C Datasheet
60Kb / 2P
451.35 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1295C MURATA-RF1295C Datasheet
68Kb / 2P
451.35 MHz SAW Filter
More results

Similar Description - RF1295

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5321ZV EUDYNA-FMM5321ZV Datasheet
176Kb / 5P
Quad-band Antenna Switch Module
logo
TriQuint Semiconductor
TQC9112 TRIQUINT-TQC9112_15 Datasheet
276Kb / 1P
GSM/WCDMA/LTE 10-Linear Throw SP12T GPIO Antenna
logo
RF Micro Devices
RF1193A RFMD-RF1193A Datasheet
1Mb / 23P
SP10T ANTENNA SWITCH MODULE
RF1255 RFMD-RF1255 Datasheet
171Kb / 2P
ANTENNA SWITCH MODULE WITH DUAL
RF8889A RFMD-RF8889A Datasheet
2Mb / 26P
SP10T ANTENNA SWITCH MODULE
logo
Skyworks Solutions Inc.
SKY13535-11 SKYWORKS-SKY13535-11 Datasheet
203Kb / 2P
0.7 to 3.0 GHz DP21T (SP12T/SP9T) MIPI Main Antenna Switch for Carrier Aggregation
SKYA21052 SKYWORKS-SKYA21052 Datasheet
749Kb / 21P
0.7 to 2.7 GHz SP12T MIPI Antenna Switch Module
logo
Peregrine Semiconductor
PE42412 PSEMI-PE42412 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
PE42512 PSEMI-PE42512 Datasheet
1Mb / 25P
SP12T RF Switch, 9 kHz?? GHz
PE426412 PSEMI-PE426412 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com