Electronic Components Datasheet Search
  English  ▼

X  

RF1603A Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF1603A
Description  BROADBAND HIGH POWER SP3T SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1603A Datasheet(HTML) 4 Page - RF Micro Devices

  RF1603A Datasheet HTML 1Page - RF Micro Devices RF1603A Datasheet HTML 2Page - RF Micro Devices RF1603A Datasheet HTML 3Page - RF Micro Devices RF1603A Datasheet HTML 4Page - RF Micro Devices RF1603A Datasheet HTML 5Page - RF Micro Devices RF1603A Datasheet HTML 6Page - RF Micro Devices RF1603A Datasheet HTML 7Page - RF Micro Devices RF1603A Datasheet HTML 8Page - RF Micro Devices RF1603A Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF1603A
DS110725
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Out
Pin
Function
Description
1VDD
Supply. The voltage at this node will be switched and it is important that the switch is operating within the spec-
ified start up time. This signal might be used as a mode control.
2V2
Control signal 2.
3V1
Control signal 1.
4NC
Not connected (may be grounded in PCB).
5GND
Ground.
6RF3
RF output 3.
7GND
Ground.
8ANT
RF input (connected to antenna).
9GND
Ground.
10
RF1
RF output 1.
11
GND
Ground.
12
RF2
RF output 2.
Pkg
Base
GND
Ground.
1
2
3
4
5
6
9
8
7
12
11
10
VDD
V2
V1
GND
ANT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com