Electronic Components Datasheet Search
  English  ▼

X  

SBB3000 Datasheet(PDF) 4 Page - RF Micro Devices

Part # SBB3000
Description  50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB3000 Datasheet(HTML) 4 Page - RF Micro Devices

  SBB3000 Datasheet HTML 1Page - RF Micro Devices SBB3000 Datasheet HTML 2Page - RF Micro Devices SBB3000 Datasheet HTML 3Page - RF Micro Devices SBB3000 Datasheet HTML 4Page - RF Micro Devices SBB3000 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
DS120719
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBB3000
Application Schematic
Application Circuit Element Values
Reference Designator
500MHz to 3500MHz
C1
1000pF
C2
68pF
L1
48nH 0805HQ Coilcraft
Recommended Bias Resistor Values for ID = 42mA, RDC = (VS - VD)/ID
Supply Voltage (VS)5V
6V
8V
10V
12V
RDC
20
43
91
139
187



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com