Electronic Components Datasheet Search
  English  ▼

X  

RF3237 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3237
Description  QUAD-BAND GSM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3237 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3237 Datasheet HTML 1Page - RF Micro Devices RF3237 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
LDMOS
RF3237
QUAD-BAND GSM/GPRS TX MODULE WITH
UMTS TRANSMIT/RECEIVE PORTS
The
RF3237
is
a
quad-band
(GSM850/EGSM900/DCS1800/PCS1900)
GSM/GPRS Class 12-compliant transmit module with four transmit/receive ports
for UMTS use that also serve as GSM Rx ports. This transmit module builds upon
RFMD's leading PowerStar® integrated power control technology, SOI (silicon-on-
insulator) switch technology, and integrated transmit filtering for best-in-class har-
monic performance. The results are high performance, reduced solution size, and
ease of implementation. The device is designed for use as the final portion of the
transmitter section in a GSM850/EGSM900/DCS1800/PCS1900/UMTS handset
and eliminates the need for a PA-to-antenna switch module matching network. The
device provides 50
 matched input and output ports requiring no external match-
ing components.
The RF3237 features RFMD's latest integrated power-flattening circuit, which signif-
icantly reduces current and power variation into load mismatch. Additionally, a
VBATT tracking feature is incorporated to maintain switching performance as supply
voltage decreases. The RF3237 also integrates an ESD filter to provide excellent
ESD protection at the antenna port.
Features
High Efficiency at Rated POUT
VBATT = 3.5V
GSM850/EGSM900 = 43%
DCS1800/PCS1900 = 36%
Integrated Power Flattening
Circuit
Integrated VBATT Tracking Circuit
8kV Robust ESD Protection at
Antenna Port
No External Routing
No External DC Blocking Needed
on TRx Ports
Low TRx Insertion Loss for 3G
Efficiency and Improved Rx
Sensitivity
Four High Linearity TRx Ports
High TRx to TRx Isolation
0dBm to 6dBm Drive Level,
>50dB of Dynamic Range
Applications
Single and Dual Band UMTS
Handsets and Connected
Devices Including TDSCDMA and
CDMA
GSM850/EGSM900/DCS1800/
PCS1900 Products
3V Multimode Mobile
Applications
GPRS Class 12 Compliant
DS120104
Package: Module, 30-Pin, 6mm x 6mm x 1mm
RF3237Quad-
Band
GSM/GPRS Tx
module with
UMTS trans-
mit/receive
ports


Similar Part No. - RF3237

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
RF323-12 TELEDYNE-RF323-12 Datasheet
123Kb / 5P
HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
RF323-5 TELEDYNE-RF323-5 Datasheet
123Kb / 5P
HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
logo
RF Micro Devices
RF3235 RFMD-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM
logo
Qorvo, Inc
RF3235 QORVO-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM/GPRS Tx MODULE WITH UMTS TRANSMIT/RECEIVE PORTS
More results

Similar Description - RF3237

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
AP137-501 SKYWORKS-AP137-501 Datasheet
36Kb / 4P
Quad-Band GSM Power Amplifier Module
logo
rfsolutions.ltd
ANT-GSMQB RFSOLUTIONS-ANT-GSMQB Datasheet
43Kb / 1P
GSM Antenna Quad Band
logo
Skyworks Solutions Inc.
SKY77328 SKYWORKS-SKY77328 Datasheet
1Mb / 19P
iPAC PAM for Quad-Band GSM/GPRS
logo
rfsolutions.ltd
GSMSTUB4 RFSOLUTIONS-GSMSTUB4 Datasheet
1,023Kb / 2P
?쁓tubby??Quad Band GSM Antenna 4dB
logo
TriQuint Semiconductor
TQM7M5050 TRIQUINT-TQM7M5050 Datasheet
249Kb / 1P
Quad-Band GSM/EDGE 5x3.5 PAM
TQM7M5050 TRIQUINT-TQM7M5050_15 Datasheet
249Kb / 1P
Quad-Band GSM/EDGE 5x3.5 PAM
logo
RF Micro Devices
RF3235 RFMD-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7788 AVAGO-ACPM-7788 Datasheet
282Kb / 3P
Quad Band GSM/EDGE
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com