Electronic Components Datasheet Search
  English  ▼

X  

SBB3000S2 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SBB3000S2
Description  50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB3000S2 Datasheet(HTML) 2 Page - RF Micro Devices

  SBB3000S2 Datasheet HTML 1Page - RF Micro Devices SBB3000S2 Datasheet HTML 2Page - RF Micro Devices SBB3000S2 Datasheet HTML 3Page - RF Micro Devices SBB3000S2 Datasheet HTML 4Page - RF Micro Devices SBB3000S2 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
DS120719
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBB3000
SBB3089Z Typical RF Performance at Key Operating Frequencies (Bias Tee Data)
SBB3089Z Typical Performance with Bias Tees, VD = 5V with RDC = 20, ID = 42mA
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (lD)100
mA
Max Device Voltage (VD)6
V
Max RF Input Power* (See Note)
+20
dBm
Max Junction Temperature (TJ)+150
°C
Operating Temperature Range (TL)-40 to +85
°C
Max Storage Temperature
+150
°C
ESD Rating - Human Body Model
(HBM)
Class 1C
*Note: Load condition ZL = 50
Operation of this device beyond any one of these limits may cause permanent
damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in the table on
page one.
Bias Conditions should also satisfy the following expression:
IDVD < (TJ - TL)/RTH, j - l and TL = TLEAD
Parameter
Unit
100
MHz
500
MHz
850
MHz
1950
MHz
2140
MHz
2400
MHz
3500
MHz
Small Signal Gain
dB
16.9
16.6
16.6
16.4
16.4
16.3
16.1
Output Third Order Intercept Point
dBm
29.5
30.5
30.0
29.5
29.0
29.5
27.0
Output Power at 1dB Compression
dBm
15.6
16.0
15.6
15.2
15.0
15.4
15.2
Input Return Loss
dB
24.0
26.5
24.5
21.0
20.5
20.0
15.5
Output Return Loss
dB
21.5
26.0
26.0
25.5
25.5
27.5
21.0
Reverse Isolation
dB
19.5
19.0
19.5
19.5
19.5
19.5
19.5
Noise Figure
dB
3.7
3.9
3.9
3.9
3.9
4.0
3.8
Test Conditions: VD = 4.2V, ID = 42mA, OIP3 Tone Spacing = 1MHz, POUT per tone = -5dBm, RDC = 20, TL = 25°C, ZS = ZL = 50
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.
OIP3 versus Frequency,
(-5dBm/tone, 1MHz spacing)
24.0
26.0
28.0
30.0
32.0
34.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
25°C
-40°C
85°C
P1dB versus Frequency
10.0
12.0
14.0
16.0
18.0
20.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com