Electronic Components Datasheet Search
  English  ▼

X  

RFHA1004 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFHA1004
Description  25W GaN Wide-Band Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1004 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFHA1004 Datasheet HTML 2Page - RF Micro Devices RFHA1004 Datasheet HTML 3Page - RF Micro Devices RFHA1004 Datasheet HTML 4Page - RF Micro Devices RFHA1004 Datasheet HTML 5Page - RF Micro Devices RFHA1004 Datasheet HTML 6Page - RF Micro Devices RFHA1004 Datasheet HTML 7Page - RF Micro Devices RFHA1004 Datasheet HTML 8Page - RF Micro Devices RFHA1004 Datasheet HTML 9Page - RF Micro Devices RFHA1004 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131018
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 11
RFHA1004
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)*
Item
Value
Manufacturer
Manufacturer’s P/N
C9,C10
1000pF
Dielectric Labs Inc
C08BL 102X-1ZN-X0T
C5
100pF
Panasonic Industrial Co
ECJ-1VC1H10J
C12
0.7pF
American Technical Ceramics
ATC800A0R7BT250X
C11
1.0pF
American Technical Ceramics
ATC800A1R0BT250X
C13
1.2pF
American Technical Ceramics
ATC800A1R2BT25X
C14
0.4pF
American Technical Ceramics
ATC800A0R4BT250X
C4,C7, C8
1000pF
Murata Electronics
GRM188R71H102KA01D
C1,C2
4.7 uF
Murata Electronics
GRM55ER72A475KA01L
R1,R2,R3
0
Ω
Panasonic Industrial Co
ERJ-3GEY0R00V
L1, L2, L3, L4
0
Ω
Panasonic Industrial Co
ERJ-8GEY0R))
L5
0.6nH
Coilcraft
0806SQ-6N0JLB
*700MHz to 2500MHz RFHA1004PCBA-410



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com