Electronic Components Datasheet Search
  English  ▼

X  

MMBFJ309L Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBFJ309L
Description  JFET - VHF/UHF Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ309L Datasheet(HTML) 3 Page - ON Semiconductor

  MMBFJ309L Datasheet HTML 1Page - ON Semiconductor MMBFJ309L Datasheet HTML 2Page - ON Semiconductor MMBFJ309L Datasheet HTML 3Page - ON Semiconductor MMBFJ309L Datasheet HTML 4Page - ON Semiconductor MMBFJ309L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBFJ309L, MMBFJ310L, SMMBFJ310L
http://onsemi.com
3
70
60
50
40
30
20
-5.0
-4.0
-3.0
-2.0
-1.0
0
ID - VGS, GATE-SOURCE VOLTAGE (VOLTS)
10
0
70
60
50
40
30
20
10
IDSS - VGS, GATE-SOURCE CUTOFF VOLTAGE (VOLTS)
Figure 1. Drain Current and Transfer
Characteristics versus Gate−Source Voltage
VDS = 10 V
IDSS
+25
°C
TA = -55°C
+25
°C
+25
°C
-55
°C
+150
°C
+150
°C
ID, DRAIN CURRENT (mA)
100 k
10 k
1.0 k
100
1.0 k
100
10
1.0
0.01
0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100
VGS(off) = -2.3 V =
VGS(off) = -5.7 V =
Figure 2. Common−Source Output
Admittance and Forward Transconductance
versus Drain Current
Yfs
Yfs
Yos
VGS, GATE SOURCE VOLTAGE (VOLTS)
5.0
4.0
3.0
2.0
1.0
0
6.0
7.0
8.0
9.0
10
10
7.0
4.0
1.0
0
120
96
72
48
24
0
RDS
Cgs
Cgd
Figure 3. On Resistance and Junction
Capacitance versus Gate−Source Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com