Electronic Components Datasheet Search
  English  ▼

X  

SDA1000 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SDA1000
Description  GaAs Distributed Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA1000 Datasheet(HTML) 1 Page - RF Micro Devices

  SDA1000 Datasheet HTML 1Page - RF Micro Devices SDA1000 Datasheet HTML 2Page - RF Micro Devices SDA1000 Datasheet HTML 3Page - RF Micro Devices SDA1000 Datasheet HTML 4Page - RF Micro Devices SDA1000 Datasheet HTML 5Page - RF Micro Devices SDA1000 Datasheet HTML 6Page - RF Micro Devices SDA1000 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140127
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
SDA-1000
GaAs Distributed Amplifier
RFMD’s SDA-1000 is a directly coupled (DC) GaAs
microwave monolithic integrated circuit (MMIC) distributed
driver amplifier die designed to support a wide array of high
frequency commercial, military, and space applications. They
are ideal for wideband amplifier gain blocks, broadband test
equipment (ATE), military, and aerospace applications.
Functional Block Diagram
Ordering Information
SDA1000
GaAs Distributed Amplifier, GelPak, 10 pieces or more
SDA1000SB
GaAs Distributed Amplifier, GelPak, 2 pieces
Package: Die, 3.1mm x 1.45mm x
0.102mm
Features
■
DC to 20GHz Operation
■
+26dBm P3dB
■
Gain = 14dB Typical
■
Noise Figure = 4dB
■
Output Voltage to 8VPP
■
300mA Total Current
Applications
■
Military
■
Aerospace
■
Broadband ATE
■
Instrumentation
SDA-1000


Similar Part No. - SDA1000

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA10000 SSDI-SDA10000 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
SDA10000 SSDI-SDA10000 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA10000 SSDI-SDA10000 Datasheet
110Kb / 2P
HIGH VOLTAGE RECTIFIER
SDA10000F SSDI-SDA10000F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
SDA10000UF SSDI-SDA10000UF Datasheet
52Kb / 2P
0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDA1000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
RF Micro Devices
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
GaAs Distributed Amplifier
SDA-3000 RFMD-SDA-3000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-4000 RFMD-SDA-4000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-5000 RFMD-SDA-5000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-6000 RFMD-SDA-6000 Datasheet
1Mb / 8P
GaAs Distributed Amplifier
SDA-7000 RFMD-SDA-7000 Datasheet
1Mb / 9P
GaAs Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com