Electronic Components Datasheet Search
  English  ▼

X  

MRF321 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF321
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF321 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF321 Datasheet HTML 1Page - Tyco Electronics MRF321 Datasheet HTML 2Page - Tyco Electronics MRF321 Datasheet HTML 3Page - Tyco Electronics MRF321 Datasheet HTML 4Page - Tyco Electronics MRF321 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The RF Line
NPN Silicon
RF Power Transistor
. . . designed primarily for wideband large–signal driver and predriver amplifier
stages in 200–500 MHz frequency range.
• Guaranteed Performance at 400 MHz, 28 Vdc
Output Power = 10 Watts
Power Gain = 12 dB Min
Efficiency = 50% Min
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability
• Computer–Controlled Wirebonding Gives Consistent Input Impedance
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
33
Vdc
Collector–Base Voltage
VCBO
60
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
Collector Current — Peak
IC
1.1
1.5
Adc
Total Device Dissipation @ TA = 25°C (1)
Derate above 25
°C
PD
27
160
Watts
mW/
°C
Storage Temperature Range
Tstg
–65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
6.4
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 20 mAdc, IB = 0)
V(BR)CEO
33
—
—
Vdc
Collector–Emitter Breakdown Voltage
(IC = 20 mAdc, VBE = 0)
V(BR)CES
60
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 20 mAdc, IE = 0)
V(BR)CBO
60
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 2.0 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
—
—
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 500 mA, VCE = 5.0 Vdc)
hFE
20
—
80
—
NOTE:
(continued)
1. This device is designed for RF operation. The total device dissipation rating applies only when the device is operated as an RF amplifier.
MRF321
10 W, 400 MHz
RF POWER
TRANSISTOR
NPN SILICON
CASE 244–04, STYLE 1
Order this document
by MRF321/D
SEMICONDUCTOR TECHNICAL DATA
1


Similar Part No. - MRF321

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF321 MOTOROLA-MRF321 Datasheet
114Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
logo
Advanced Semiconductor
MRF321 ASI-MRF321 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
logo
New Jersey Semi-Conduct...
MRF321 NJSEMI-MRF321 Datasheet
93Kb / 2P
NPN Silicon RF Power Transistor
More results

Similar Description - MRF321

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com