Electronic Components Datasheet Search
  English  ▼

X  

SDA-3000 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SDA-3000
Description  GaAs Distributed Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA-3000 Datasheet(HTML) 1 Page - RF Micro Devices

  SDA-3000 Datasheet HTML 1Page - RF Micro Devices SDA-3000 Datasheet HTML 2Page - RF Micro Devices SDA-3000 Datasheet HTML 3Page - RF Micro Devices SDA-3000 Datasheet HTML 4Page - RF Micro Devices SDA-3000 Datasheet HTML 5Page - RF Micro Devices SDA-3000 Datasheet HTML 6Page - RF Micro Devices SDA-3000 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
SDA-3000
GaAs Distributed Amplifier
RFMD’s SDA-3000 is a directly coupled (DC) GaAs
microwave monolithic integrated circuit (MMIC) driver
amplifier die designed for use as a Mach Zehnder Modulated
(MZM) laser driver employing single-ended (SE) architectures
with V(V-pi) ranging from 4V to 7V, clock driver for return-to-
zero (RZ) and carrier select (CS) Carver Modulators,
broadband automated test equipment (ATE), instrumentation,
military, and aerospace applications.
Functional Block Diagram
Ordering Information
SDA-3000
GaAs Distributed Amplifier, GelPak, 10 pieces or more
SDA-3000SB
GaAs Distributed Amplifier, GelPak, 2 pieces
Package: Die, 3.10mm x 1.45mm x
0.102mm
Features
■
DC to 24GHz Operation
■
+25dBm P3dB
■
Gain = 16dB Typical
■
Noise Figure = 2.1dB at
10GHz
■
Output Voltage to 7VPP
■
Single Supply Voltage
■
160mA Total Current
Applications
■
Driver for Single-ended (SE)
MZM, NRZ, DPSK, ODB, RZ
■
Clock Driver for RZ and CS
Pulse Carver
■
Broadband ATE
■
Instrumentation
■
Military
■
Aerospace
SDA-3000


Similar Part No. - SDA-3000

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SDA-060-060-0025-SMA FAIRVIEW-SDA-060-060-0025-SMA Datasheet
917Kb / 11P
0 to 60 dB 8 Bit Programmable TTL Controlled Step Attenuator With a 0.25 dB Step SMA Female To SMA Female From 30 MHz To 6 GHz
SDA-060-12-01-SMA FAIRVIEW-SDA-060-12-01-SMA Datasheet
654Kb / 5P
110 MHz to 6 GHz, Medium Power Broadband Ampli­ fier with 1 Watt, 12.5 dB Gain and SMA
REV 1.1
logo
RF Micro Devices
SDA-1000 RFMD-SDA-1000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
logo
Infinite Electronics In...
SDA-180-060-0006-SMA FAIRVIEW-SDA-180-060-0006-SMA Datasheet
562Kb / 8P
0 to 60 dB 10 Bit Programmable TTL Controlled Step Attenuator With a 0.06 dB Step SMA Female To SMA Female From 500 MHz To 18 GHz
logo
RF Micro Devices
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
GaAs Distributed Amplifier
More results

Similar Description - SDA-3000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
RF Micro Devices
SDA-1000 RFMD-SDA-1000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
GaAs Distributed Amplifier
SDA-4000 RFMD-SDA-4000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-5000 RFMD-SDA-5000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-6000 RFMD-SDA-6000 Datasheet
1Mb / 8P
GaAs Distributed Amplifier
SDA-7000 RFMD-SDA-7000 Datasheet
1Mb / 9P
GaAs Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com