Electronic Components Datasheet Search
  English  ▼

X  

MRF327 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF327
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF327 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF327 Datasheet HTML 1Page - Tyco Electronics MRF327 Datasheet HTML 2Page - Tyco Electronics MRF327 Datasheet HTML 3Page - Tyco Electronics MRF327 Datasheet HTML 4Page - Tyco Electronics MRF327 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The RF Line
NPN Silicon
RF Power Transistor
. . . designed primarily for wideband large–signal output amplifier stages in the
100 to 500 MHz frequency range.
• Guaranteed Performance @ 400 MHz, 28 Vdc
Output Power = 80 Watts over 225 to 400 MHz Band
Minimum Gain = 7.3 dB @ 400 MHz
• Built–In Matching Network for Broadband Operation Using Double Match
Technique
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability Applications
• Characterized for 100 to 500 MHz
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
33
Vdc
Collector–Base Voltage
VCBO
60
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
Collector Current — Peak
IC
9.0
12
Adc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25
°C
PD
250
1.43
Watts
W/
°C
Storage Temperature Range
Tstg
–65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
0.7
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 80 mAdc, IB = 0)
V(BR)CEO
33
—
—
Vdc
Collector–Emitter Breakdown Voltage
(IC = 80 mAdc, VBE = 0)
V(BR)CES
60
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 8.0 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 80 mAdc, IC = 0)
V(BR)CBO
60
—
—
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
—
—
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 4.0 Adc, VCE = 5.0 Vdc)
hFE
20
—
80
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 28 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
95
125
pF
NOTE:
(continued)
1. This device is designed for RF operation. The total device dissipation rating applies only when the device is operated as an RF amplifier.
MRF327
80 W, 100 to 500 MHz
CONTROLLED “Q”
BROADBAND RF POWER
TRANSISTOR
NPN SILICON
CASE 316–01, STYLE 1
Order this document
by MRF327/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 1


Similar Part No. - MRF327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 80W, 100 to 500MHz, 28V
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
logo
New Jersey Semi-Conduct...
MRF327 NJSEMI-MRF327 Datasheet
89Kb / 2P
NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327_15 Datasheet
239Kb / 6P
The RF Line Controlled Broadband Power Transistor
More results

Similar Description - MRF327

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF428 MACOM-MRF428 Datasheet
628Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
The RF Line NPN Silicon RF Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com