Electronic Components Datasheet Search
  English  ▼

X  

MRF392 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF392
Description  Tthe RF Line NPN Silicon Push-Pull RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF392 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF392 Datasheet HTML 1Page - Tyco Electronics MRF392 Datasheet HTML 2Page - Tyco Electronics MRF392 Datasheet HTML 3Page - Tyco Electronics MRF392 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
Figure 6. Series Equivalent Input/Output Impedance
80
Pin, INPUT POWER (WATTS)
0
0
4
8
12
16
20
VCC = 13.5 V
Pin = 10 W
VCC, SUPPLY VOLTAGE (VOLTS)
Pin = 14 W
f = 100 MHz
VCC = 28 V
225 MHz
400 MHz
225 MHz
500 MHz
400 MHz
160
Pin, INPUT POWER (WATTS)
0
140
120
100
80
0
510
15
20
25
60
40
20
VCC, SUPPLY VOLTAGE (VOLTS)
10
30
0
70
60
50
40
30
20
10
2
6
10
14
18
160
140
120
100
80
60
40
20
14
18
22
26
12
16
20
24
28
10
30
0
160
140
120
100
80
60
40
20
14
18
22
26
12
16
20
24
28
f = 100 MHz
5 W
7 W
7 W
10 W
f = 225 MHz
f = 400 MHz
Zin
ZOL*
225
VCC = 28 V, Pout = 125 W
f = 100 MHz
450
400
500
400
225
f = 100 MHz
Zo = 20 Ω
500
450
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
f
MHz
Zin
OHMS
ZOL*
OHMS
100
225
400
450
500
0.72 + j0.44
0.72 + j2.62
3.88 + j5.72
3.84 + j2.8
1.26 + j3.01
9.0 – j6.0
5.2 – j1.8
3.6 + j0.53
3.2 + j1.2
3.0 + j2.0
CAPACITIVE
REACTANCE
COMPONENT (–jX)
INDUCTIVE
REACTANCE
COMPONENT (+jX)
Zin & ZOL* are given
from base–to–base and
collector–to–collector respectively.
3
REV 8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com