Electronic Components Datasheet Search
  English  ▼

X  

MRF426 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF426
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF426 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF426 Datasheet HTML 1Page - Tyco Electronics MRF426 Datasheet HTML 2Page - Tyco Electronics MRF426 Datasheet HTML 3Page - Tyco Electronics MRF426 Datasheet HTML 4Page - Tyco Electronics MRF426 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
ON CHARACTERISTICS
DC Current Gain
(IC = 1.0 Adc, VCE = 5.0 Vdc)
hFE
10
35
—
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 30 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
60
80
pF
FUNCTIONAL TESTS (SSB)
Common–Emitter Amplifier Gain
(VCC = 28 Vdc, Pout = 25 W (PEP), f1 = 30 MHz,
f2 = 30.001 MHz, ICQ = 25 mA)
GPE
22
25
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 25 W (PEP), f1 = 30 MHz,
f2 = 30.001 MHz, ICQ = 25 mA)
η
35
—
—
%
Intermodulation Distortion (2)
(VCC = 28 Vdc, Pout = 25 W (PEP), f1 = 30 MHz,
f2 = 30.001 MHz, ICQ = 25 mA)
IMD(d3)
—
–35
–30
dB
Load Mismatch
(VCC = 28 Vdc, Pout = 25 W (PEP), f1 = 30 MHz,
f2 = 30.001 MHz, ICQ = 25 mA, VSWR 30:1 at All Phase Angles)
ψ
No Degradation in Output Power
CLASS A PERFORMANCE
Intermodulation Distortion (2) and Power Gain
(VCC = 28 Vdc, Pout = 8.0 W (PEP), f1 = 30 MHz,
f2 = 30.001 MHz, ICQ = 1.2 Adc)
GPE
IMD(d3)
IMD(d5)
—
—
—
23.5
–40
–55
—
—
—
dB
NOTE:
2. To Mil–Std–1311 Version A, Test Method 2204B, Two Tone, Reference each Tone.
Figure 1. 30 MHz Linear Test Circuit
C1, C2 — ARCO 469, 190–780 pF
C3, C4 — ARCO 464, 25–280 pF
C5 — 120 pF Dipped Mica
C6, C7 — 100
µF, 15 Vdc
C8 — 680 pF F.T. Allen Bradley
C9 — 1.0
µF 35 V Tantalum
CR1 — 1N4997
L1 — 3 Turns #16 0.25
″ ID
L2 — 6 Turns #16 0.5
″ ID
L3 — 7 Turns #20 0.38
″ ID
L4 — 10
µH Molded Choke Delevan
RFC1 — Ferroxcube VK200/20–4B
RFC2 — 3–Ferroxcube 5653065–3B
RF — Input/Output Connectors UG53 A/
µ
R1 — 10
Ω 1/2 Watt 10%
Adjust Bias (Base) for ICQ = 20 mA with No RF Applied
BIAS
INPUT
RF
INPUT
RF OUTPUT
+
-
28 Vdc
RFC1
C6
C7
CR1
L4
L3
C1
C2
R1
DUT
L2
C8
C9
RFC2
C5
C3
C4
L1
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com