Electronic Components Datasheet Search
  English  ▼

X  

MRF454 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF454
Description  RF POWER TRANSISTOR NPN SILICON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF454 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF454 Datasheet HTML 1Page - Tyco Electronics MRF454 Datasheet HTML 2Page - Tyco Electronics MRF454 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 1. 30 MHz Test Circuit Schematic
f = 30 MHz
120
Pin, INPUT POWER (WATTS)
0
105
90
75
60
0
24
6
8
10
45
30
15
VCC, SUPPLY VOLTAGE (VOLTS)
8
13
5
7
9
VCC = 13.6 V
f = 30 MHz
12.5 V
Pin = 5 V
3.5 W
1.75 W
L3
R1
C5
C6
C7
C8
RF OUTPUT
L4
C4
C1
C2
L2
DUT
C3
L1
-
+
12.5 Vdc
L5
RF INPUT
10
12
14
16
18
911
13
15
17
C1, C2, C4 — ARCO 469
C3 — ARCO 466
C5 — 1000 pF, UNELCO
C6, C7 — 0.1
µF Disc Ceramic
C8 — 1000
µF/15 V Electrolytic
R1 — 10 Ohm/1.0 Watt, Carbon
L1 — 3 Turns, #18 AWG, 5/16
″ I.D., 5/16″ Long
L2 — VK200–20/4B, FERROXCUBE
L3 — 12 Turns, #18 AWG Enameled Wire, 1/4
″ I.D., Close Wound
L4 — 3 Turns 1/8
″ O.D. Copper Tubing, 3/8″ I.D., 3/4″ Long
L5 — 7 FERRITE Beads, FERROXCUBE #56–590–65/3B
120
105
90
75
60
0
45
30
15
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Supply Voltage
2
REV 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com