Electronic Components Datasheet Search
  English  ▼

X  

SGA2186Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGA2186Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA2186Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGA2186Z Datasheet HTML 1Page - RF Micro Devices SGA2186Z Datasheet HTML 2Page - RF Micro Devices SGA2186Z Datasheet HTML 3Page - RF Micro Devices SGA2186Z Datasheet HTML 4Page - RF Micro Devices SGA2186Z Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA2186Z
Suggested Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Ordering Information
Ordering Code
Description
SGA2186Z
13" Reel with 3000 pieces
SGA2186ZSQ
Sample bag with 25 pieces
SGA2186ZSR
7” Reel with 100 pieces
SGA2186ZPCK1
850MHz, 5V Operation PCBA with 5-piece sample bag



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com