Electronic Components Datasheet Search
  English  ▼

X  

SGA2286Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGA2286Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA2286Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGA2286Z Datasheet HTML 1Page - RF Micro Devices SGA2286Z Datasheet HTML 2Page - RF Micro Devices SGA2286Z Datasheet HTML 3Page - RF Micro Devices SGA2286Z Datasheet HTML 4Page - RF Micro Devices SGA2286Z Datasheet HTML 5Page - RF Micro Devices SGA2286Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA2286Z
Part Identification
Ordering Information
Ordering Code
Description
SGA2286Z
13" Reel with 3000 pieces
SGA2286ZSQ
Sample bag with 25 pieces
SGA2286ZSR
7” Reel with 100 pieces
SGA2286ZPCK1
850MHz, 5V Operation PCBA with 5-piece sample bag
22Z



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com