Electronic Components Datasheet Search
  English  ▼

X  

SGA3263Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGA3263Z
Description  DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA3263Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGA3263Z Datasheet HTML 1Page - RF Micro Devices SGA3263Z Datasheet HTML 2Page - RF Micro Devices SGA3263Z Datasheet HTML 3Page - RF Micro Devices SGA3263Z Datasheet HTML 4Page - RF Micro Devices SGA3263Z Datasheet HTML 5Page - RF Micro Devices SGA3263Z Datasheet HTML 6Page - RF Micro Devices SGA3263Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA3263Z
Suggested Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
3RF IN
RF input pin. This pin requires the use of an external DC-blocking capacitor chosen for the frequency of operation.
1, 2,
4, 5
GND
Connection to ground. For optimum RF performance, use via holes as close to ground leads as possible to reduce lead
inductance.
6RF OUT/BIAS RF output and bias pin. DC voltage is present on this pin, therefor a DC-blocking capacitor is necessary for proper opera-
tion.
Preliminary
Dimensions in inches [millimeters]
RF
OUT
RF
I N
Notes:
1. Provide a large ground pad area under device
pins 1, 2, 4, & 5 with many plated via holes as
shown.
2. Dimensions given for 50 Ohm RF I/O lines are for
31 mil thick Getek. Scale accordingly for different
board thicknesses and dielectric contants.
3. We recommend 1 or 2 ounce copper. Measure-
ments for this data sheet were made on a 31 mil
thick Getek with 1 ounce copper on both sides.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com