Electronic Components Datasheet Search
  English  ▼

X  

SGA3286Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGA3286Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA3286Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGA3286Z Datasheet HTML 1Page - RF Micro Devices SGA3286Z Datasheet HTML 2Page - RF Micro Devices SGA3286Z Datasheet HTML 3Page - RF Micro Devices SGA3286Z Datasheet HTML 4Page - RF Micro Devices SGA3286Z Datasheet HTML 5Page - RF Micro Devices SGA3286Z Datasheet HTML 6Page - RF Micro Devices SGA3286Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
DS110812
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA3286Z
Application Schematic
Evaluation Board Layout
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SGA3286Z
Reference
Designator
Frequency (Mhz)
500
850
1950
2400
3500
C
B
220 pF
100 pF
68 pF
56 pF
39 pF
C
D
100 pF
68 pF
22 pF
22 pF
15 pF
L
C
68 nH
33 nH
22 nH
18 nH
15 nH
Recommended Bias Resistor Values for I
D=35mA
R
BIAS=( VS-VD ) / ID
Supply Voltage(V
S)
5 V
8 V
10 V
12 V
R
BIAS
68
150
200
270
Note: R
BIAS provides DC bias stability over temperature.
1 uF
R
R
BIAS
1000 pF
C
B
B
C
B
C
D
L
C
V
S
V
32
A3
A32
Mounting Instructions
1. Use a large ground pad area under device pins 2
and 4 with many plated through-holes as shown.
2. We recommend 1 or 2 ounce copper. Measurements
for this data sheet were made on a 31 mil thick FR-4
board with 1 ounce copper on both sides.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com