Electronic Components Datasheet Search
  English  ▼

X  

SGA4486Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA4486Z
Description  DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA4486Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA4486Z Datasheet HTML 1Page - RF Micro Devices SGA4486Z Datasheet HTML 2Page - RF Micro Devices SGA4486Z Datasheet HTML 3Page - RF Micro Devices SGA4486Z Datasheet HTML 4Page - RF Micro Devices SGA4486Z Datasheet HTML 5Page - RF Micro Devices SGA4486Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGA4486Z
DC to 4500MHz, CASCADABLE SiGe HBT
MMIC AMPLIFIER
The SGA4486Z is a high performance SiGe HBT MMIC Amplifier. A Darling-
ton configuration featuring one-micron emitters provides high FT and
excellent thermal performance. The heterojunction increases breakdown
voltage and minimizes leakage current between junctions. Cancellation of
emitter junction non-linearities results in higher suppression of intermodu-
lation products. Only two DC-blocking capacitors, a bias resistor, and an
optional RF choke are required for operation.
Gain & Return Loss vs. Frequency
VD = 3.2V, ID = 45mA (Typ.)
0
6
12
18
24
012
3
4
5
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
OR
High Gain: 15.9dB at
1950MHz
Cascadable 50
Ω
Operates from Single Supply
Low Thermal Resistance
Package
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
IF Amplifier
Wireless Data, Satellite
DS100916
Package: SOT-86
SGA4486ZDC
to 4500MHz,
Cascadable
SiGe HBT
MMIC Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
17.0
18.5
20.5
dB
850MHz
15.9
dB
1950MHz
14.4
dB
2400MHz
Output Power at 1dB Compression
15.4
dBm
850MHz
12.8
dBm
1950MHz
Output Third Intercept Point
28.2
dBm
850MHz
26.7
dBm
1950MHz
Bandwidth Determined by Return
Loss (>9dB)
4500
MHz
>9dB
Input Return Loss
21.8
dB
1950MHz
Output Return Loss
22.5
dB
1950MHz
Noise Figure
2.8
dB
1950MHz
Device Operating Voltage
2.9
3.2
3.5
V
Device Operating Current
41
45
49
mA
Thermal Resistance
(Junction - Lead)
97
°C/W
Test Conditions: VS=8V, ID=45mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=-5dBm, RBIAS=110Ω, TL=25°C, ZS=ZL=50Ω


Similar Part No. - SGA4486Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA4463Z RFMD-SGA4463Z Datasheet
599Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4463ZPCK1 RFMD-SGA4463ZPCK1 Datasheet
599Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4463ZSQ RFMD-SGA4463ZSQ Datasheet
599Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4463ZSR RFMD-SGA4463ZSR Datasheet
599Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA4486Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263Z RFMD-SGA3263Z Datasheet
427Kb / 7P
DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3363Z RFMD-SGA3363Z Datasheet
357Kb / 6P
DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4386Z RFMD-SGA4386Z Datasheet
283Kb / 6P
DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5389Z RFMD-SGA5389Z Datasheet
626Kb / 7P
DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6289Z RFMD-SGA6289Z Datasheet
468Kb / 6P
DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6486Z RFMD-SGA6486Z Datasheet
292Kb / 6P
DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com