Electronic Components Datasheet Search
  English  ▼

X  

SGA5286Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA5286Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5286Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA5286Z Datasheet HTML 1Page - RF Micro Devices SGA5286Z Datasheet HTML 2Page - RF Micro Devices SGA5286Z Datasheet HTML 3Page - RF Micro Devices SGA5286Z Datasheet HTML 4Page - RF Micro Devices SGA5286Z Datasheet HTML 5Page - RF Micro Devices SGA5286Z Datasheet HTML 6Page - RF Micro Devices SGA5286Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA5286Z
|S
12| vs. Frequency
V
D= 3.5 V, ID= 60 mA (Typ.)
|S
22| vs. Frequency
V
D= 3.5 V, ID= 60 mA (Typ.)
|S
11| vs. Frequency
V
D= 3.5 V, ID= 60 mA (Typ.)
|S
21| vs. Frequency
V
D= 3.5 V, ID= 60 mA (Typ.)
-24
-21
-18
-15
-12
012
345
Frequency (GHz)
+25°C
-40°C
+85°C
0
5
10
15
20
01
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
0
1
234
5
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
T
L
T
L
-40
-30
-20
-10
0
012
3
4
5
Frequency (GHz)
+25°C
-40°C
+85°C
T
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com