Electronic Components Datasheet Search
  English  ▼

X  

SGA5486Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA5486Z
Description  DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5486Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA5486Z Datasheet HTML 1Page - RF Micro Devices SGA5486Z Datasheet HTML 2Page - RF Micro Devices SGA5486Z Datasheet HTML 3Page - RF Micro Devices SGA5486Z Datasheet HTML 4Page - RF Micro Devices SGA5486Z Datasheet HTML 5Page - RF Micro Devices SGA5486Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS110203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA5486Z
Application Schematic
Evaluation Board Layout
Pin
Function
Description
1RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation.
2, 4
GND
Connection to ground. For optimum RF performance, use via holes as close to ground leads as possible to reduce lead
inductance.
3RF OUT/BIAS RF output and bias pin. DC voltage is present on this pin, therefore a DC blocking capacitor is necessary for proper oper-
ation.
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SGA5486Z
e
c
n
e
r
e
f
e
R
r
o
t
a
n
g
i
s
e
D
)
z
h
M
(
y
c
n
e
u
q
e
r
F
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
C
B
F
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5F
p
9
3
C
D
F
p
0
0
1F
p
8
6F
p
2
2F
p
2
2F
p
5
1
L
C
H
n
8
6H
n
3
3H
n
2
2H
n
8
1H
n
5
1
I
r
o
f
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
D
A
m
0
6
=
R
S
A
I
B
V
(
=
S V
-
D
I
/
)
D
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
S)V
6V
8V
0
1V
2
1
R
S
A
I
B
3
45
70
1
10
5
1
R
:
e
t
o
N
S
A
I
B
.
e
r
u
t
a
r
e
p
m
e
t
r
e
v
o
y
ti
li
b
a
t
s
s
a
i
b
C
D
s
e
d
i
v
o
r
p
1 uF
R
BIAS
1000 pF
C
B
C
B
C
D
L
C
V
S
Mounting Instructions
1. Use a large ground pad area under device pins 2
and 4 with many plated through-holes as shown.
2. We recommend 1 or 2 ounce copper. Measurements
for this data sheet were made on a 31 mil thick FR-4
board with 1 ounce copper on both sides.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com