Electronic Components Datasheet Search
  English  ▼

X  

SGA6286Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA6286Z
Description  DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA6286Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA6286Z Datasheet HTML 1Page - RF Micro Devices SGA6286Z Datasheet HTML 2Page - RF Micro Devices SGA6286Z Datasheet HTML 3Page - RF Micro Devices SGA6286Z Datasheet HTML 4Page - RF Micro Devices SGA6286Z Datasheet HTML 5Page - RF Micro Devices SGA6286Z Datasheet HTML 6Page - RF Micro Devices SGA6286Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA6286Z
|S
12| vs. Frequency
V
D= 4.0 V,
I
D= 75 mA
|S
22| vs. Frequency
V
D= 4.0 V,
I
D= 75 mA
3.6
3.8
4.0
4.2
4.4
4.6
-40
-15
10
35
60
85
Temperature (°C)
* Note: In the applications circuit on page 4, R
BIAS compensates for voltage and current variation over temperature.
|S
11| vs. Frequency
V
D= 4.0 V,
I
D= 75 mA
|S
21| vs. Frequency
V
D= 4.0 V,
I
D= 75 mA
V
D vs. Temperature for Constant ID = 75 mA
V
D vs. ID over Temperature
for fixed
V
S= 8 V, RBIAS= 51 ohms *
0
5
10
15
20
012
3456
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
012
3
456
Frequency (GHz)
+25°C
-40°C
+85°C
-30
-25
-20
-15
-10
0
123
4
5
6
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
01
23
45
6
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
T
L
T
L
T
L
60
65
70
75
80
85
90
3.6
3.8
4.0
4.2
4.4
VD(Volts)
+85°C
+25°C
-40°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com