Electronic Components Datasheet Search
  English  ▼

X  

MMBTA93 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MMBTA93
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBTA93 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MMBTA93 Datasheet HTML 1Page - KEC(Korea Electronics) MMBTA93 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1998. 6. 15
1/2
SEMICONDUCTOR
TECHNICAL DATA
MMBTA92/93
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
HIGH VOLTAGE APPLICATION.
TELEPHONE APPLICATION.
FEATURES
・Complementary to MMBTA42/43.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
*Pulse Test : Pulse Width
≦300μS, Duty Cycle≦2.0%
* : Package Mounted On 99.5% Alumina 10
×8×0.6mm.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base
Voltage
MMBTA92
VCBO
-300
V
MMBTA93
-200
Collector-Emitter
Voltage
MMBTA92
VCEO
-300
V
MMBTA93
-200
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-500
mA
Emitter Current
IE
500
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55
~150
℃
Type Name
Marking
MMBTA92
MMBTA93
Lot No.
YV
Type Name
Lot No.
YW
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base
Breakdown Voltage
MMBTA92
V(BR)CBO
IC=-100μ
A, IE=0
-300
-
-
V
MMBTA93
-200
-
-
Collector-Emitter
Breakdown Voltage
MMBTA92
V(BE)CEO
IC=-1.0mA, IB=0
-300
-
-
V
MMBTA93
-200
-
-
DC Current Gain
* hFE
IC=-1.0mA, VCE=-10V
25
-
-
IC=-10mA, VCE=-10V
40
-
-
IC=-30mA, VCE=-10V
25
-
-
Collector-Emitter Saturation Voltage
* VCE(sat)
IC=-20mA, IB=-2.0mA
-
-
-0.5
V
Base-Emitter Saturation Voltage
* VBE(sat)
IC=-20mA, IB=-2.0mA
-
-
-0.9
V
Transition Frequency
fT
VCE=-20V, IC=-10mA, f=100MHz
50
-
-
MHz
Collector Output
Capacitance
MMBTA92
Cob
VCB=-20V, IE=0, f=1MHz
-
-
6.0
pF
MMBTA93
-
-
8.0


Similar Part No. - MMBTA93

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Samsung semiconductor
MMBTA93 SAMSUNG-MMBTA93 Datasheet
30Kb / 1P
PNP (HIGH VOLTAGE TRANSISTOR)
logo
KEC(Korea Electronics)
MMBTA93 KEC-MMBTA93 Datasheet
230Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TELEPHONE)
logo
Diotec Semiconductor
MMBTA93 DIOTEC-MMBTA93 Datasheet
108Kb / 2P
Surface mount High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBTA93 KEXIN-MMBTA93 Datasheet
43Kb / 2P
High Voltage Transistors
More results

Similar Description - MMBTA93

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com