Electronic Components Datasheet Search
  English  ▼

X  

MPSA92 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MPSA92
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA92 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MPSA92_15 Datasheet HTML 1Page - KEC(Korea Electronics) MPSA92_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 11. 30
2/2
MPSA92/93
Revision No : 3
0
-30
-10
-3
-1
COLLECTOR CURRENT I
(mA)
C
f
- I
C
- V
R
REVERSE VOLTAGE V
(V)
-0.1 -0.3
-1
-3
1
0
-30
-10
-3
-1
COLLECTOR CURRENT I
(mA)
C
V
V
- I
h
- I
C
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-30
300
10
I
- V
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-3
-5
-10
-30
-5
ob
R
-10
-30
-100 -300 -1k
3
5
10
30
50
100
C ib
ob
C
T
C
-100
-5
-50
30
50
100
T =25 C
V
=20VDC
j
CE
BE(sat) ,
C
-100
-5
-50
-0.2
-0.4
-0.6
-0.8
-1.0
V
I /I =10
V
BE(sat)
C B
CE(sat)
CE(sat)
FE
C
-100
-5
-50
100
30
50
T =125 C
j
j
T =25 C
j
T =-55 C
CE
V
=10VDC
C
CE
-50
-100
-300
-10
-30
-50
-100
-300
-500
1.5
W
AT
T T
HE
RM
AL
LIM
ITA
TIO
N
Tc=
25
C
625
mW
TH
ER
MA
L
LIM
ITA
TIO
N
Ta=
25
C
BONDING WIRE LIMITATION
SECOND BREAK DOWN
LIMITATION T =150 C
j
100
µS
DC
MPSA93
MPSA92



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com