Electronic Components Datasheet Search
  English  ▼

X  

TIP32CF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # TIP32CF
Description  TRIPLE DIFFUSED PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP32CF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  TIP32CF_15 Datasheet HTML 1Page - KEC(Korea Electronics) TIP32CF_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 21
1/2
SEMICONDUCTOR
TECHNICAL DATA
TIP32CF
TRIPLE DIFFUSED PNP TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
FEATURES
Complementary to TIP31CF.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Φ3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
2.54 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Emitter Sustaining Voltage
VCEO(SUS)
IC=-30mA, IB=0
-100
-
-
V
Collector Cut-off Current
ICEO
VCE=-60V, IB=0
-
-
-0.3
mA
Collector Cut-off Current
ICES
VCE=-100V, VEB=0
-
-
-200
A
Emitter Cut-off Current
IEBO
VBE=-5V, IC=0
-
-
-1
mA
DC Current Gain
hFE
VCE=-4V, IC=-1A
25
-
-
VCE=-4V, IC=-3A
10
-
50
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-3A, IB=-375mA
-
-
-1.2
V
Base-Emitter On Voltage
VBE(on)
VCE=-4V, IC=-3A
-
-
-1.8
V
Transition Frequency
fT
VCE=-10V, IC=-500mA f=1MHz
3.0
-
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-3
A
Pulse
ICP
-5
Base Current
IB
-1
A
Collector Power
Dissipation
Ta=25
PC
2
W
Tc=25
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150


Similar Part No. - TIP32CF_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
TIP32CF KEC-TIP32CF Datasheet
357Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
logo
Jiangsu Changjiang Elec...
TIP32CF JIANGSU-TIP32CF Datasheet
775Kb / 3P
TO-220F Plastic-Encapsulate Transistors
More results

Similar Description - TIP32CF_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
TRIPLE DIFFUSED PNP TRANSISTOR
TIP36C KEC-TIP36C_15 Datasheet
306Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com