Electronic Components Datasheet Search
  English  ▼

X  

RF6288 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6288
Description  PA Load Insensitive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6288 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6288 Datasheet HTML 1Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 of 1
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
Vset
DC-DC
Converter
Ven
Combine
& OMN
Split
& IMN
Bias Control
Combine
& OMN
Split
& IMN
RF6288
RFin_HB
RFin_LB
RFout_LB
RFout_HB
PCOUP_LB
PCOUP_HB
VBATT
VEN_LB
VEN_HB
VCTRL
VCC
RF6288
3V MULTI-BAND UMTS LINEAR POWER
AMPLIFIER MODULE
The RF6288 is a high-power, high-efficiency dual-path linear amplifier module spe-
cifically W-CDMA transmitters used in UMTS mobile systems. This module uses a
balanced PA architecture which makes it load insensitive. The device is manufac-
tured on an advanced BiFET HBT process, and was designed for use as the final RF
amplifier stage in 3V UMTS handset equipment, spread-spectrum systems, and
other transmitter applications. The high band PA frequency coverage is 1710MHz to
1980MHz and the low band PA is 824MHz to 915MHz. The RF6288 has a common
analog bias control pin to reduce idle current at lower output power levels. In addi-
tion the RF6288 has implemented an integrated power coupler for each PA with
good directivity. The RF6288 is assembled in a 28-pin, 4.0mm x 7.0mm, laminate
package.
Features
Dual-Path PA
UMTS Bands 1, 2, 4, 5, 8
PA Load Insensitive
Used with DC-DC Converter
for Optimized Efficiency
Analog Bias Control for
Additional Current Savings
Internal Voltage Regulator
Eliminates the Need for
External Reference Voltage
(VREF)
Integrated Blocking and
Collector Decoupling Caps
Integrated Coupler Outputs
With Directivity
Applications
UMTS Wireless Handsets
UMTS Data Cards
RF6288
3V Multi-Band UMTS Linear Power Amplifier Module
RF6288PCBA-41X
Fully Assembled Evaluation Board
DS1
40510
Package Style: Module, 28-Pin, 4mmx7mmx1.0mm


Similar Part No. - RF6288

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF620R RFSOLUTIONS-RF620R Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
RF620RA RFSOLUTIONS-RF620RA Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
RF620TA RFSOLUTIONS-RF620TA Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
logo
RF Micro Devices
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF6288

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M4T MACOM-M4T Datasheet
230Kb / 3P
Load Insensitive Mixer
M8T MACOM-M8T Datasheet
327Kb / 3P
Load Insensitive Mixer
M8TH MACOM-M8TH Datasheet
329Kb / 3P
Load Insensitive Mixer
SM4T17 MACOM-SM4T17 Datasheet
198Kb / 2P
Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
Load Insensitive Mixer
M8T MA-COM-M8T Datasheet
990Kb / 3P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
Load Insensitive Mixer
M4TH MA-COM-M4TH_15 Datasheet
524Kb / 2P
Load Insensitive Mixer
M8TC MA-COM-M8TC_15 Datasheet
991Kb / 3P
Load Insensitive Mixer
SM4T MA-COM-SM4T_15 Datasheet
485Kb / 4P
Load Insensitive Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com